Electronic Components Datasheet Search
  English  ▼

X  

BA728F Datasheet(PDF) 2 Page - Rohm

Part # BA728F
Description  Dual operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA728F Datasheet(HTML) 2 Page - Rohm

  BA728F Datasheet HTML 1Page - Rohm BA728F Datasheet HTML 2Page - Rohm BA728F Datasheet HTML 3Page - Rohm BA728F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Standard ICs
BA728 / BA728F / BA728N
•Internal circuit configuration
+ IN
– IN
Q1
Q4
Q5
Q2
Q3
Q6
Q13
Q16
Q10
Q11
Q12
Q14
Q21
R3
R2
R6
R4
R5
R1
Q20
Q17
Q15
Q22
Q23
Q28
Q25
Q24
Q19
Q18
Q27 Q29
Q26
Q7
Q8
Q9
C1
VEE
VCC
OUT
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
BA728
BA728F
BA728N
VCC
18 (
± 9)
18 (
± 9)
18 (
± 9)
V
Pd
800∗
550∗
550∗
mW
VID
VCC
V
VI
– 0.3 ~ + VCC
V
Topr
– 20 ~ + 75
– 20 ~ + 75
– 20 ~ + 75
°C
Tstg
– 55 ~ + 125
– 55 ~ + 125
– 55 ~ + 125
°C
VCC
VCC
– 0.3 ~ + VCC
– 0.3 ~ + VCC
Power supply voltage
Power dissipation
Differential input voltage
Common-mode input voltage
Operating temperature
Storage temperature
∗ Refer to Pd characteristics diagram.
∗ The values for the BA728Fare those when it is mounted on a glass epoxy PCB (50mm × 50mm × 1.6mm).
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = + 6V, VEE = - 6V)
Parameter
Symbol
Min.
Typ.
Max.
Conditions
VIO
—
210
mV
IIO
—
150
nA
IB
—
10
250
nA
AV
86
100
—
dB
RL
2k
Ω
VICM
—
V
± 3.0
± 4.5
—
VRL
2k
Ω
CMRR
70
90
—
dB
PSRR
—
30
150
µV / V
—
0.7
—
V /
µS
—
0.7
—
MHz
CS
—
120
—
dB
source
Isource
—
20
—
mA
sink
Isink
—
10
—
mA
S. R.
fT
Unit
AV = 1, RL = 2k
Ω
VIN
+ = 1V, VIN– = 0V
VIN
– = 1V, VIN+ = 0V
VOM
4 ~ – 6 4.5 ~ – 6
Input offset voltage
Input offset current
Input bias current
High-amplitude voltage gain
Common-mode input voltage
Maximum output voltage
Common mode rejection ratio
Power supply voltage rejection ratio
Slew rate
Maximum frequency
Channel separation
Maximum output current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com