Electronic Components Datasheet Search
  English  ▼

X  

BA728F Datasheet(PDF) 4 Page - Rohm

Part # BA728F
Description  Dual operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA728F Datasheet(HTML) 4 Page - Rohm

  BA728F Datasheet HTML 1Page - Rohm BA728F Datasheet HTML 2Page - Rohm BA728F Datasheet HTML 3Page - Rohm BA728F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20
15
100k
10k
1k
100
1M
10
5
0
FREQUENCY: f (Hz)
Fig.8 Maximum output voltage vs.
frequency
4
2
0
1
2
3
1
3
0
20
40
30
10
0
TIME (
µs)
Fig.9 Output response characteristics
10
5
0
– 5
– 10
0
± 5
± 10
POWER SUPPLY VOLTAGE: V ± (V)
Fig.10 Maximum output voltage vs.
power supply voltage
(1)Unused circuit connections
If there are any circuits which are not being used, we
recommend making connections as shown in Figure
11, with the non-inverted input pin connected to the
potential within the in-phase input voltage range (VICM).
4
Standard ICs
BA728 / BA728F / BA728N
•Operation notes
–
+
VEE
VCC
To potential
in VICM
Fig.11 Unused circuit connections
•External dimensions (Units: mm)
DIP8
SOP8
SIP8
BA728
BA728F
BA728N
0.5
± 0.1
85
14
9.3
± 0.3
0.3
± 0.1
2.54
0
° ~ 15°
7.62
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1
1
8
2.54
1.3
0.8
0.6
0.3
± 0.1
2.8
± 0.2
19.3
± 0.2
•Electrical characteristic curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com