Electronic Components Datasheet Search
  English  ▼

X  

BA728F Datasheet(PDF) 1 Page - Rohm

Part # BA728F
Description  Dual operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA728F Datasheet(HTML) 1 Page - Rohm

  BA728F Datasheet HTML 1Page - Rohm BA728F Datasheet HTML 2Page - Rohm BA728F Datasheet HTML 3Page - Rohm BA728F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Standard ICs
Dual operational amplifier
BA728 / BA728F / BA728N
The BA728, BA728F, and BA728N are ICs with two independently functioning operational amplifiers featuring inter-
nal phase compensation. These products offer a wide range of operating voltages, from 3 to 18V ( ± 1.5 to 9V) and
are high-performance operational amplifiers which can be driven from a single power supply within the in-phase
mode input range, including a negative power supply.
•Applications
Ground sensing small-signal amplifiers
Control amplifiers requiring high phase margin, such as motor drivers
Amplifiers operated on low voltages
Capacitive loaded amplifiers
•Features
1) Can be driven from a single power supply.
2) Low power.
3) Pin layout is the same as that of the general-
purpose 4558 operational amplifier.
4) When driven from a single power supply, the power
supply voltage ranges from 3 to 18V.
5) When driven from a dual power supply, the power
supply voltage ranges from ± 1.5 to ± 9V.
6) Output is protected against short-circuits.
7) Output block is operated as a class AB to mini-
mize crossover distortion.
8) Low input bias current of 10nA (typ.).
9) Each package contains two operational amplifiers.
10) Internal phase compensation provided.
•Block diagram
OUT1
– IN1
+ IN1
VEE
VCC
OUT2
– IN2
+ IN2
1
2
3
4
8
7
6
5
+
–
–
+
1ch
2ch
2ch
1ch
––
BA728 / BA728F
BA728N


Similar Part No. - BA728F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA728F ROHM-BA728F Datasheet
187Kb / 3P
Dual Operational Amplifiers
More results

Similar Description - BA728F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com