Electronic Components Datasheet Search
  English  ▼

X  

BA7645 Datasheet(PDF) 2 Page - Rohm

Part # BA7645
Description  Video signal switcher
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7645 Datasheet(HTML) 2 Page - Rohm

  BA7645 Datasheet HTML 1Page - Rohm BA7645 Datasheet HTML 2Page - Rohm BA7645 Datasheet HTML 3Page - Rohm BA7645 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Multimedia ICs
BA7645N
•Equivalent circuits
0.8
µA
100
µA
Vcc
D2
Q1
Q2
R2
100
D1
Input bias current
1
µA [Typ.]
∗
Input clamp voltage 2.1V [VCC = 5V,Typ.]
∗
CLAMP INPUT
2mA
Vcc
Q1
D1
OUT
D2
Output impedance 20
Ω [Typ.]
∗
Output DC voltage 0.55V [VCC = 5V, Typ.]
∗
OUTPUT
100
50k
20k
34k
Vcc
CTLA / B
R4
R1
D2
R2
R3
Q3
CTLA / CTLB
100
45k
30k
29k
Vcc
CTLC
R4
R1
D2
R2
R3
Q3
CTLC
∗ Reference value
•Electrical characteristics (unless otherwise noted Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
—
—
—
—
—
—
13.0
V
ICC
—
9.5
14.5
mA
Vom
3.0
3.5
—
f = 1kHz, THD = 0.5%
GV
– 0.5
0
+ 0.5
dB
CT
– 65
dB
Cf
– 3.0
0
+ 1.0
dB
VTH-A
1.0
2.0
3.0
V
VTH-B
1.0
2.0
3.0
V
VTH-C
1.0
2.0
3.0
V
——
f = 10MHz / 1MHz,
VIN = 1.0VP-P
f = 4.43MHz,
VIN = 1.0VP-P
f = 1MHz, VIN = 1.0VP-P
VP-P
Operating voltage
Supply current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristics
CTL pin switching level A
CTL pin switching level B
CTL pin switching level C
Not designed for radiation resistance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com