Electronic Components Datasheet Search
  English  ▼

X  

BA7645 Datasheet(PDF) 1 Page - Rohm

Part # BA7645
Description  Video signal switcher
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7645 Datasheet(HTML) 1 Page - Rohm

  BA7645 Datasheet HTML 1Page - Rohm BA7645 Datasheet HTML 2Page - Rohm BA7645 Datasheet HTML 3Page - Rohm BA7645 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Multimedia ICs
Video signal switcher
BA7645N
The BA7645N is a four-channel analog multiplexer with mute, designed for use in video cassette recorders. It fea-
tures a large dynamic range, and wide operating frequency range, and has sync-tip inputs which are ideal for switch-
ing video signals.
•Applications
Video cassette recorders and televisions
•Features
1) 4-input / 1-output switches.
2) Built-in mute.
3) Sync-tip inputs.
4) Wide operating supply voltage range
(4.5V to 13.0V).
5) Low power consumption (48mW Typ.).
6) Excellent frequency characteristics
(10MHz, 0dB Typ.).
7) Wide dynamic range (3.5VP-P Typ.).
8) Low interchannel crosstalk
( – 65dB Typ., f = 4.43MHz).
•Block diagram
123456789
10
LOGIC
MUTE
•Truth table
OUT
L (OPEN)
L (OPEN)
L (OPEN)
IN1
L (OPEN)
H
L (OPEN)
IN2
H
L (OPEN)
L (OPEN)
IN3
H
H
L (OPEN)
IN4
∗∗
H
MUTE
CTLA
CTLB
CTLC
∗ Either "L (open)" or "H".
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limit
Unit
13.5
V
850∗
mW
Topr
°C
Tstg
°C
VCC
Pd
– 25 ~ + 75
– 55 ~ + 125
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
∗ Reduced by 8.5mW for each increase in Ta of 1°C over 25°C.


Similar Part No. - BA7645

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7644 ROHM-BA7644 Datasheet
67Kb / 5P
Video signal switcher
BA7644AN ROHM-BA7644AN Datasheet
67Kb / 5P
Video signal switcher
logo
List of Unclassifed Man...
BA7644AN ETC2-BA7644AN Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA7649 ROHM-BA7649 Datasheet
65Kb / 5P
Video signal switcher
logo
List of Unclassifed Man...
BA7649 ETC2-BA7649 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BA7645

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com