Electronic Components Datasheet Search
  English  ▼

X  

BA7645 Datasheet(PDF) 4 Page - Rohm

Part # BA7645
Description  Video signal switcher
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7645 Datasheet(HTML) 4 Page - Rohm

  BA7645 Datasheet HTML 1Page - Rohm BA7645 Datasheet HTML 2Page - Rohm BA7645 Datasheet HTML 3Page - Rohm BA7645 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Multimedia ICs
BA7645N
•Measurement conditions
SW1
SW2
SW3
SW4
SW5
SW6
SW7
ICC
2222222
IN 1
IN 2
IN 3
IN 4
Vom
Vom
Vom
Vom
1
2
2
2
2
1
2
2
2
2
1
2
2
2
2
1
3
3
2
2
3
2
3
2
3
3
3
3
f = 1kHz,
THD = 0.5%
IN 1
IN 2
IN 3
IN 4
GV
GV
GV
GV
1
2
2
2
2
1
2
2
2
2
1
2
2
2
2
1
3
3
2
2
3
2
3
2
3
3
3
3
f = 1MHz,
VIN = 1VP-P
IN1
→IN2
IN1
→IN3
IN1
→IN4
IN1
→MUTE
IN2
→IN3
IN2
→IN4
IN2
→MUTE
IN3
→IN4
IN3
→MUTE
IN4
→MUTE
CT
CT
CT
CT
CT
CT
CT
CT
CT
CT
1
1
1
1
2
2
2
2
2
2
2
2
2
2
1
1
1
2
2
2
2
2
2
2
2
2
2
1
1
2
2
2
2
2
2
2
2
2
2
1
3
2
2
∗
2
2
∗
2
∗
∗
2
3
2
∗
3
2
∗
2
∗
∗
3
3
3
2
3
3
2
3
2
2
f = 4.43MHz,
VIN = 1VP-P
IN 1
IN 2
IN 3
IN 4
Gf
Gf
Gf
Gf
1
2
2
2
2
1
2
2
2
2
1
2
2
2
2
1
3
3
2
2
3
2
3
2
3
3
3
3
VTH
VTH
VTH
2
2
1
2
1
2
1
2
2
2
2
2
1
3
3
3
1
3
3
3
1
f = 10MHz /
1MHz
VIN = 1VP-P
CTLA
CTLB
CTLC
∗ Anywhere is possible.
Note 1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the input level until the output distortion is 0.5%.
This output voltage at this time is the maximum output level Vom (VP-P).
Note 2: Input a f = 1MHz, VIN = 1VP-P sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN).
Note 3: Input a f = 4.43MHz, VIN = 1VP-P sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
Note 4: Input f = 1MHz and 10MHz, VIN = 1VP-P sine waves. The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)).
Note 5: Input a f = 1MHz, VIN = 1VP-P sine wave. Reduce the CTL pin voltage from VCC. The CTL pin switching level (VTH) is the CTL pin voltage at which
the VOUT level drops below 20mVP-P.
Note 6: Input a f = 1MHz, VIN = 1VP-P sine wave. Increase the CTL pin voltage from 0V. The CTL pin switching level (VTH) is the CTL pin voltage at which
the VOUT level goes below 1.0VDC
Parameter
Symbol
Switch settings
Measurement
method
Current dissipation
Ammeter
Maximum
output level
Note 1
Voltage gain
Note 2
Interchannel
crosstalk
Note 3
Frequency
characteristic
CTL pin
switching level
Note 5
Note 6
Note 4
•External dimensions (Units: mm)
SIP10
2.8
± 0.2
25.2
± 0.2
0.6
1.3
10
2.54
1
0.3
± 0.1
0.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com