Electronic Components Datasheet Search
  English  ▼

X  

0022415102 Datasheet(PDF) 16 Page - Molex Electronics Ltd.

Part # 0022415102
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 10 Circuits, Tin (Sn), FeedThrough, 24 Stranded, Solid, Fused, Topcoat
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022415102 Datasheet(HTML) 16 Page - Molex Electronics Ltd.

Back Button 0022415102 Datasheet HTML 12Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 13Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 14Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 15Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 16Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 17Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 18Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 19Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 20Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
14
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANA228A
A-7720-BNA228A
A-7720-CNA228A
A-7720-DNA228A
A-7720-ENA228A
A-7720-FNA228A
HOUSING
7720-AN
HOUSING
7720-BN
HOUSING
7720-CN
HOUSING
7720-DN
HOUSING
7720-EN
HOUSING
7720-FN
TERM. NO
7691-A228
TERM. NO
7691-A228
TERM. NO
7691-A228
TERM. NO 7691-A228
TERM. NO
7691-A228
TERM. NO
7691-A228
PLATING:
228
PLATING:
228
PLATING:
228
PLATING:
228
PLATING:
228
PLATING:
228
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
A-7720-A02A228A
A-7720-B02A228A
22-45-9021
A-7720-C02A228A
22-45-9020
A-7720-D02A228A
22-45-9024
A-7720-E02A228A
22-45-9029
A-7720-F02A228A
A-7720-A03A228A
A-7720-B03A228A
22-45-9031
A-7720-C03A228A
22-45-9030
A-7720-D03A228A
22-45-9034
A-7720-E03A228A
22-45-9039
A-7720-F03A228A
A-7720-A04A228A
A-7720-B04A228A
22-45-9041
A-7720-C04A228A
22-45-9040
A-7720-D04A228A
22-45-9044
A-7720-E04A228A
22-45-9049
A-7720-F04A228A
A-7720-A05A228A
A-7720-B05A228A
22-45-9051
A-7720-C05A228A
22-45-9050
A-7720-D05A228A
22-45-9054
A-7720-E05A228A
22-45-9059
A-7720-F05A228A
A-7720-A06A228A
A-7720-B06A228A
22-45-9061
A-7720-C06A228A
22-45-9060
A-7720-D06A228A
22-45-9064
A-7720-E06A228A
22-45-9069
A-7720-F06A228A
A-7720-A07A228A
A-7720-B07A228A
22-45-9071
A-7720-C07A228A
22-45-9070
A-7720-D07A228A
22-45-9074
A-7720-E07A228A
22-45-9079
A-7720-F07A228A
A-7720-A08A228A
A-7720-B08A228A
22-45-9081
A-7720-C08A228A
22-45-9080
A-7720-D08A228A
22-45-9084
A-7720-E08A228A
22-45-9089
A-7720-F08A228A
A-7720-A09A228A
A-7720-B09A228A
22-45-9091
A-7720-C09A228A
22-45-9090
A-7720-D09A228A
22-45-9094
A-7720-E09A228A
22-45-9099
A-7720-F09A228A
A-7720-A10A228A
A-7720-B10A228A
22-45-9101
A-7720-C10A228A
22-45-9100
A-7720-D10A228A
22-45-9104
A-7720-E10A228A
22-45-9109
A-7720-F10A228A
A-7720-A11A228A
A-7720-B11A228A
22-45-9111
A-7720-C11A228A
22-45-9110
A-7720-D11A228A
22-45-9114
A-7720-E11A228A
22-45-9119
A-7720-F11A228A
A-7720-A12A228A
A-7720-B12A228A
22-45-9121
A-7720-C12A228A
22-45-9120
A-7720-D12A228A
22-45-9124
A-7720-E12A228A
22-45-9129
A-7720-F12A228A
A-7720-A13A228A
A-7720-B13A228A
22-45-9131
A-7720-C13A228A
22-45-9130
A-7720-D13A228A
22-45-9134
A-7720-E13A228A
22-45-9139
A-7720-F13A228A
A-7720-A14A228A
A-7720-B14A228A
22-45-9141
A-7720-C14A228A
22-45-9140
A-7720-D14A228A
22-45-9144
A-7720-E14A228A
22-45-9149
A-7720-F14A228A
A-7720-A15A228A
A-7720-B15A228A
22-45-9151
A-7720-C15A228A
22-45-9150
A-7720-D15A228A
22-45-9154
A-7720-E15A228A
22-45-9159
A-7720-F15A228A
A-7720-A16A228A
A-7720-B16A228A
22-45-9161
A-7720-C16A228A
22-45-9160
A-7720-D16A228A
22-45-9164
A-7720-E16A228A
22-45-9169
A-7720-F16A228A
A-7720-A17A228A
A-7720-B17A228A
22-45-9171
A-7720-C17A228A
22-45-9170
A-7720-D17A228A
22-45-9174
A-7720-E17A228A
22-45-9179
A-7720-F17A228A
A-7720-A18A228A
A-7720-B18A228A
22-45-9181
A-7720-C18A228A
22-45-9180
A-7720-D18A228A
22-45-9184
A-7720-E18A228A
22-45-9189
A-7720-F18A228A
A-7720-A19A228A
A-7720-B19A228A
22-45-9191
A-7720-C19A228A
22-45-9190
A-7720-D19A228A
22-45-9194
A-7720-E19A228A
22-45-9199
A-7720-F19A228A
A-7720-A20A228A
A-7720-B20A228A
22-45-9201
A-7720-C20A228A
22-45-9200
A-7720-D20A228A
22-45-9204
A-7720-E20A228A
22-45-9209
A-7720-F20A228A
A-7720-A21A228A
A-7720-B21A228A
22-45-9211
A-7720-C21A228A
22-45-9210
A-7720-D21A228A
22-45-9214
A-7720-E21A228A
22-45-9219
A-7720-F21A228A
A-7720-A22A228A
A-7720-B22A228A
22-45-9221
A-7720-C22A228A
22-45-9220
A-7720-D22A228A
22-45-9224
A-7720-E22A228A
22-45-9229
A-7720-F22A228A
A-7720-A23A228A
A-7720-B23A228A
22-45-9231
A-7720-C23A228A
22-45-9230
A-7720-D23A228A
22-45-9234
A-7720-E23A228A
22-45-9239
A-7720-F23A228A
A-7720-A24A228A
A-7720-B24A228A
22-45-9241
A-7720-C24A228A
22-45-9240
A-7720-D24A228A
22-45-9244
A-7720-E24A228A
22-45-9249
A-7720-F24A228A
A-7720-A25A228A
A-7720-B25A228A
22-45-9251
A-7720-C25A228A
22-45-9250
A-7720-D25A228A
22-45-9254
A-7720-E25A228A
22-45-9259
A-7720-F25A228A
A-7720-A26A228A
A-7720-B26A228A
22-45-9261
A-7720-C26A228A
22-45-9260
A-7720-D26A228A
22-45-9264
A-7720-E26A228A
22-45-9269
A-7720-F26A228A
A-7720-A27A228A
A-7720-B27A228A
22-45-9271
A-7720-C27A228A
22-45-9270
A-7720-D27A228A
22-45-9274
A-7720-E27A228A
22-45-9279
A-7720-F27A228A
A-7720-A28A228A
A-7720-B28A228A
22-45-9281
A-7720-C28A228A
22-45-9280
A-7720-D28A228A
22-45-9284
A-7720-E28A228A
22-45-9289
A-7720-F28A228A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com