Electronic Components Datasheet Search
  English  ▼

X  

0022415102 Datasheet(PDF) 20 Page - Molex Electronics Ltd.

Part # 0022415102
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 10 Circuits, Tin (Sn), FeedThrough, 24 Stranded, Solid, Fused, Topcoat
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022415102 Datasheet(HTML) 20 Page - Molex Electronics Ltd.

Back Button 0022415102 Datasheet HTML 12Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 13Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 14Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 15Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 16Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 17Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 18Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 19Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 20Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
18
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
MATL NO
ENG NO:
HOUSING
TERM. NO
COLOR
PLATING:
MOLDED
VOID
TERMINAL VOID
022421243
A-7720-D24HP909C-13A
7720-D24-13
41512-H(P909)
GREEN
P909
13
13
022421213
A-7720-D21HP909C-19A
7720-D21-19
41512-H(P909)
GREEN
P909
19
19
022421223
A-7720-D22HP909C-19A
7720-D22-19
41512-H(P909)
GREEN
P909
19
19
022421155
A-7720-D15HP909C-5A
7720-D15-5
41512-H(P909)
GREEN
P909
5
5
022421156
A-7720-E15HP909B-2B
7720-E15-2
41138-H(P909)
GREEN
P909
2
NONE
022421104
A-7720-E10HP909B-9B
7720-E10-9
41138-H(P909)
GREEN
P909
9
NONE
022421124
A-7720-E12HP909B-9B
7720-E12-9
41138-H(P909)
GREEN
P909
9
NONE
022421144
A-7720-F14HP909B-51B
7720-F14-51
41138-H(P909)
GREEN
P909
2,3,5,6
NONE
022421233
A-7720-F23HP909B-2B
7720-F23-2
41138-H(P909)
GREEN
P909
2
NONE
022421183
A-7720-F18HP909B-2B
7720-F18-2
41138-H(P909)
GREEN
P909
2
NONE
022421135
A-7720-F13HP909B-2B
7720-F13-2
41138-H(P909)
GREEN
P909
2
NONE
022421175
A-7720-F17HP909B-51A
7720-F17-51
41138-H(P909)
GREEN
P909
1,17
1,17
050290032
A-7720-E17HP909B-51A
7720-E17-51
41138-H(P909)
GREEN
P909
1,17
1,17
050291609
A-7720-E21HP909B-51A
7720-E21-51
41138-H(P909)
GREEN
P909
1,21
NONE
050291615
A-7720-E19HP909B-51A
7720-E19-51
41138-H(P909)
GREEN
P909
1, 19
1, 19
050348528
A-7720-F03A102A-2A
7720-F03-2
7691-A(102)
BROWN
102
2
2
050348532
A-7720-F04A102A-51A
7720-F04-51
7691-A(102)
BROWN
102
2,3
2,3
050362456
A-7720-WC05FP909B-51A
7720-WC05-51
41188-F(P909)
BLACK
P909
2,4
2,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com