Electronic Components Datasheet Search
  English  ▼

X  

0022415102 Datasheet(PDF) 18 Page - Molex Electronics Ltd.

Part # 0022415102
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 10 Circuits, Tin (Sn), FeedThrough, 24 Stranded, Solid, Fused, Topcoat
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022415102 Datasheet(HTML) 18 Page - Molex Electronics Ltd.

Back Button 0022415102 Datasheet HTML 12Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 13Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 14Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 15Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 16Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 17Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 18Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 19Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 20Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
16
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANH102B
A-7720-BNH102B
A-7720-CNH102B
A-7720-DNH102B
A-7720-ENH102B
A-7720-FNH102B
HOUSING 7720-AN
HOUSING
7720-BN
HOUSING 7720-CN
HOUSING 7720-DN
HOUSING
7720-EN
HOUSING 7720-FN
TERM. NO 41138-H102
TERM. NO 41138-H102
TERM. NO 41138-H102
TERM. NO 41138-H102
TERM. NO 41138-H102
TERM. NO 41138-H102
PLATING: 102
PLATING:
102
PLATING:
102
PLATING: 102
PLATING:
102
PLATING:
102
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
A-7720-A02H102B
A-7720-B02H102B
A-7720-C02H102B
A-7720-D02H102B
A-7720-E02H102B
22-26-8025
A-7720-F02H102B
A-7720-A03H102B
A-7720-B03H102B
A-7720-C03H102B
A-7720-D03H102B
A-7720-E03H102B
22-26-8035
A-7720-F03H102B
A-7720-A04H102B
A-7720-B04H102B
A-7720-C04H102B
A-7720-D04H102B
A-7720-E04H102B
22-26-8045
A-7720-F04H102B
A-7720-A05H102B
A-7720-B05H102B
A-7720-C05H102B
A-7720-D05H102B
A-7720-E05H102B
22-26-8055
A-7720-F05H102B
A-7720-A06H102B
A-7720-B06H102B
A-7720-C06H102B
A-7720-D06H102B
A-7720-E06H102B
22-26-8065
A-7720-F06H102B
A-7720-A07H102B
A-7720-B07H102B
A-7720-C07H102B
A-7720-D07H102B
A-7720-E07H102B
22-26-8075
A-7720-F07H102B
A-7720-A08H102B
A-7720-B08H102B
A-7720-C08H102B
A-7720-D08H102B
A-7720-E08H102B
22-26-8085
A-7720-F08H102B
A-7720-A09H102B
A-7720-B09H102B
A-7720-C09H102B
A-7720-D09H102B
A-7720-E09H102B
22-26-8095
A-7720-F09H102B
A-7720-A10H102B
A-7720-B10H102B
A-7720-C10H102B
A-7720-D10H102B
A-7720-E10H102B
22-26-8105
A-7720-F10H102B
A-7720-A11H102B
A-7720-B11H102B
A-7720-C11H102B
A-7720-D11H102B
A-7720-E11H102B
22-26-8115
A-7720-F11H102B
A-7720-A12H102B
A-7720-B12H102B
A-7720-C12H102B
A-7720-D12H102B
A-7720-E12H102B
22-26-8125
A-7720-F12H102B
A-7720-A13H102B
A-7720-B13H102B
A-7720-C13H102B
A-7720-D13H102B
A-7720-E13H102B
22-26-8135
A-7720-F13H102B
A-7720-A14H102B
A-7720-B14H102B
A-7720-C14H102B
A-7720-D14H102B
A-7720-E14H102B
22-26-8145
A-7720-F14H102B
A-7720-A15H102B
A-7720-B15H102B
A-7720-C15H102B
A-7720-D15H102B
A-7720-E15H102B
22-26-8155
A-7720-F15H102B
A-7720-A16H102B
A-7720-B16H102B
A-7720-C16H102B
A-7720-D16H102B
A-7720-E16H102B
22-26-8165
A-7720-F16H102B
A-7720-A17H102B
A-7720-B17H102B
A-7720-C17H102B
A-7720-D17H102B
A-7720-E17H102B
22-26-8175
A-7720-F17H102B
A-7720-A18H102B
A-7720-B18H102B
A-7720-C18H102B
A-7720-D18H102B
A-7720-E18H102B
22-26-8185
A-7720-F18H102B
A-7720-A19H102B
A-7720-B19H102B
A-7720-C19H102B
A-7720-D19H102B
A-7720-E19H102B
22-26-8195
A-7720-F19H102B
A-7720-A20H102B
A-7720-B20H102B
A-7720-C20H102B
A-7720-D20H102B
A-7720-E20H102B
22-26-8205
A-7720-F20H102B
A-7720-A21H102B
A-7720-B21H102B
A-7720-C21H102B
A-7720-D21H102B
A-7720-E21H102B
22-26-8215
A-7720-F21H102B
A-7720-A22H102B
A-7720-B22H102B
A-7720-C22H102B
A-7720-D22H102B
A-7720-E22H102B
22-26-8225
A-7720-F22H102B
A-7720-A23H102B
A-7720-B23H102B
A-7720-C23H102B
A-7720-D23H102B
A-7720-E23H102B
22-26-8235
A-7720-F23H102B
A-7720-A24H102B
A-7720-B24H102B
A-7720-C24H102B
A-7720-D24H102B
A-7720-E24H102B
22-26-8245
A-7720-F24H102B
A-7720-A25H102B
A-7720-B25H102B
A-7720-C25H102B
A-7720-D25H102B
A-7720-E25H102B
22-26-8255
A-7720-F25H102B
A-7720-A26H102B
A-7720-B26H102B
A-7720-C26H102B
A-7720-D26H102B
A-7720-E26H102B
22-26-8265
A-7720-F26H102B
A-7720-A27H102B
A-7720-B27H102B
A-7720-C27H102B
A-7720-D27H102B
A-7720-E27H102B
22-26-8275
A-7720-F27H102B
A-7720-A28H102B
A-7720-B28H102B
A-7720-C28H102B
A-7720-D28H102B
A-7720-E28H102B
22-26-8285
A-7720-F28H102B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com