Electronic Components Datasheet Search
  English  ▼

X  

SA9122E Datasheet(PDF) 1 Page - Sames

Part # SA9122E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9122E Datasheet(HTML) 1 Page - Sames

  SA9122E Datasheet HTML 1Page - Sames SA9122E Datasheet HTML 2Page - Sames SA9122E Datasheet HTML 3Page - Sames SA9122E Datasheet HTML 4Page - Sames SA9122E Datasheet HTML 5Page - Sames SA9122E Datasheet HTML 6Page - Sames SA9122E Datasheet HTML 7Page - Sames SA9122E Datasheet HTML 8Page - Sames SA9122E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
sames
1/12
SA9122E
FEATURES
n
Performs unidirectional power and
energy measurement
n
On-chip 64 segment LCD driver
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
n
Total power consumption rating below
25 mW
n
Adaptable to different types of current
sensors
n
Operates over a wide temperature
range
n
Different pulse rate options available
for power information
n
LCD data input via a serial interface
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY
METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
4362
PDS039-SA9122E-001
REV. A
19-09-1995
PIN CONNECTIONS
DESCRIPTION
The SAMES SA9122E Single Phase
unidirectional active Power/Energy metering
integrated circuit includes a seperate on-
chip 64 segment Liquid Crystal Display driver.
The power/energy metering circuit generates
a pulse rate output, proportional to the power
consumption, while the LCD driver is
programmable via a serial interface.
The method of power calculation takes the
power factor into account. Energy consump-
tion is determined by the power measurement
being integrated over time.
The LCD driver is capable of driving 8 decimal
digits (7 segment) and 8 announciators on a
4 track multiplexed backplane display.
This innovative combination energy metering/
LCD display driver integrated circuit has
been designed to provide meter designers
with flexibility in the choice of the µ-controller
employed, and is ideally suited for applica-
tions such as residential municipal metering
and factory energy metering and control.
The SA9122E integrated circuit is available
in both 40 pin dual-in-line plastic (DIP-40), as
well as 44 pin plastic leaded chip carrier
(PLCC-44) package types.
DR-00932
11
VREF
V
R[3]
R[2]
R[1]
R[0]
DD
CPOP
CPON
CPIP
CPIN
16
17
18
19
20
12
13
14
15
1
RX
CON
IVN
IIP
GND
IIN
SS
V
COP
CIN
CIP
6
7
8
9
10
3
5
4
2
30
S[9]
25
21
22
23
24
S[0]
S[1]
S[2]
S[3]
S[4]
29
28
27
26
S[5]
S[6]
S[7]
S[8]
40
FOUT2
35
S[14]
34
31
32
33
S[10]
S[11]
S[12]
S[13]
36
37
38
39
S[15]
OSC1
FOUT1
OSC2
Package: DIP-40


Similar Part No. - SA9122E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
Variable gain RF predriver amplifier
1997 Aug 12
logo
Sames
SA9101 SAMES-SA9101 Datasheet
711Kb / 40P
PCM FRAME ALIGNER
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CPA SAMES-SA9102CPA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CSA SAMES-SA9102CSA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
More results

Similar Description - SA9122E

ManufacturerPart #DatasheetDescription
logo
Sames
PA9122AP SAMES-PA9122AP Datasheet
101Kb / 6P
SINGLE PHASE POWER/ENERGY ADAPTOR WITH 64 SEGMENT LCD AND SERIAL INTERFACE
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9105A SAMES-SA9105A Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA9642E SAMES-SA9642E Datasheet
532Kb / 13P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING AND EARTH LEAKAGE PROTECTION IC
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
SINOWEALTH Electronic L...
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com