Electronic Components Datasheet Search
  English  ▼

X  

SA9122E Datasheet(PDF) 4 Page - Sames

Part # SA9122E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9122E Datasheet(HTML) 4 Page - Sames

  SA9122E Datasheet HTML 1Page - Sames SA9122E Datasheet HTML 2Page - Sames SA9122E Datasheet HTML 3Page - Sames SA9122E Datasheet HTML 4Page - Sames SA9122E Datasheet HTML 5Page - Sames SA9122E Datasheet HTML 6Page - Sames SA9122E Datasheet HTML 7Page - Sames SA9122E Datasheet HTML 8Page - Sames SA9122E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SA9122E
4/12
sames
ELECTRICAL CHARACTERISTICS (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Oscillator
Recommended crystal:
TV colour burst crystal f = 3.5795 MHz
Pin VREF
With R = 24k
Ω
Ref. Current
-I
R
45
50
55
µA
connected to V
SS
Ref. Voltage
V
R
1.1
1.3
V
Referred to V
SS
LCD backplane Voltage
V
B
V
DD &
V
SS
V
R[0] ... R[3]
LCD segment Voltage
V
s
1/3 V
DD
V
2/3 V
DD
S[0] ... S[15]
Note1:
Two additional bondout options at FOUT2 are available on request: f
p/4 and
f
p/16.
#
Extended Operating Temperature Range available on request.
PIN DESCRIPTION
PLCC-44
DIP-40
Designation
Description
11
10
GND
Ground
18
16
V
DD
Positive Supply Voltage
3
2
V
SS
Negative Supply Voltage
8
7
IVN
Analog input for Voltage
10
9
IIN
Inputs for current sensor
9
8
IIP
42
38
OSC1
Connections for crystal or ceramic resonator
41
37
OSC2
(OSC1 = Input ; OSC2 = Output)
14
12
CPON
Connections for outer loop capacitor of
15
13
CPOP
A/D converter (Voltage)
16
14
CPIN
Connections for inner loop capacitor of
17
15
CPIP
A/D converter (Voltage)
4
3
CIP
Connections for inner loop capacitor of
5
4
CIN
A/D converter (Current)
6
5
COP
Connections for outer loop capacitor of
7
6
CON
A/D converter (Current)
13
11
VREF
Connection for current setting resistor
2
1
RX
Serial data input
44
40
FOUT2
Pulse rate outputs
43
39
FOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com