Electronic Components Datasheet Search
  English  ▼

X  

SA9122E Datasheet(PDF) 6 Page - Sames

Part # SA9122E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9122E Datasheet(HTML) 6 Page - Sames

Back Button SA9122E Datasheet HTML 2Page - Sames SA9122E Datasheet HTML 3Page - Sames SA9122E Datasheet HTML 4Page - Sames SA9122E Datasheet HTML 5Page - Sames SA9122E Datasheet HTML 6Page - Sames SA9122E Datasheet HTML 7Page - Sames SA9122E Datasheet HTML 8Page - Sames SA9122E Datasheet HTML 9Page - Sames SA9122E Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SA9122E
6/12
sames
The current sense input saturates at an input current of ±25µA peak.
For the voltage sensor input, the mains voltage (230VAC) is divided down through
a divider to 14V. The current into the A/D converter input is set at 14µA
RMS at nominal
mains voltage, via resistor R4 (1M
Ω).
In this configuration, with a mains voltage of 230V and a current of 80A, the output
frequency of the SA9122E power meter chip at FOUT1 is 1.16kHz. In this case, 1
pulse will correspond to an energy consumption of 18.4kW/1160Hz = 15.9Ws.
The output frequency at FOUT2 is FOUT1 /290 (i.e. The frequency ouput at FOUT1
divided by 290).
2.
Analog Input configuration
The input circuitry of the current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog signal processing circuitry.
1.
Power calculation
In the Application Circuit (Figure 1), the voltage drop across the shunt will be
between 0 and 16mV (0 to 80A through a shunt resistor of 200µ
Ω). This voltage is
converted to a current of between 0 and 16µA, by means of resistors R
1 and R2.
VOLTAGE
SENSOR
INPUT
DR-00935
IVN
SS
V
CURRENT
SENSOR
INPUTS
IIN
IIP
SS
V
DD
V
SS
V
DD
V
DD
V
GND
A
V
A I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com