Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KA2500
Description  WIDE BAND ANALOG SWITCH FOR MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 2Page - Samsung semiconductor KA2500 Datasheet HTML 3Page - Samsung semiconductor KA2500 Datasheet HTML 4Page - Samsung semiconductor KA2500 Datasheet HTML 5Page - Samsung semiconductor KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
WIDE BAND ANALOG SWITCH FOR MONITORS
KA2507
6
19
CSYNC
Composite Sync Output
Separated from SOG
• TTL Level
20
SOG
Sync on Green Input
• Video + Sync = 1 V PP
22
VCC
-
Power Supply
24
SW
Switch Input
• TTL Level Input
• Low
→ Input1 Select
High
→ Input2 Select
Table 2. Pin Description (Continued)
Pin No
Pin Name
Schematic
Description
50
Ω
PIN
0.375k
Ω
4.2 V
0 V
100
Ω
100
Ω
50k
Ω
50k
Ω
PIN
0.7 V
0.3 V
50k
Ω
50k
Ω
1k
Ω
PIN
3~ 5 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com