Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KA2500
Description  WIDE BAND ANALOG SWITCH FOR MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor KA2500 Datasheet HTML 12Page - Samsung semiconductor KA2500 Datasheet HTML 13Page - Samsung semiconductor KA2500 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
WIDE BAND ANALOG SWITCH FOR MONITORS
KA2507
12
TEST SIGNAL FORMAT
Table 9. Test Signal Format
SG No.
Input Signals
S1
Sine Wave
Frequency = 1 MHz
Amplitude = 0.7 VPP, Var.
S2
Sine Wave
Frequency = Var.
Amplitude = 0.7 VPP
S3
Square Wave
Frequency = 200 kHz
Amplitude = 0.7 VPP
Duty
= 50%
S4
Square Wave
Frequency = 200 kHz
Low/High Level = 0V/5V
Duty
= 50%
S5
Pulse
Frequency = Var.
Duty
= Var.
Vsync
= Var.
S6
Sync on Green
Frequency = Var.
Duty
= Var.
Vsync
= Var.
0.7 VPP
0.7 VPP
0.7 VPP
0 V
5 V
0.3 VPP
Vsync
25% of Frequecy
1 VPP
Duty
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com