Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KA2500
Description  WIDE BAND ANALOG SWITCH FOR MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor KA2500 Datasheet HTML 12Page - Samsung semiconductor KA2500 Datasheet HTML 13Page - Samsung semiconductor KA2500 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
WIDE BAND ANALOG SWITCH FOR MONITORS
KA2507
10
SOG SYNC SEPARATOR ELECTRICAL CHARACTERISTICS
Ta = 25
°C, V
CC = 5 V; Unless Otherwis Stated
NOTES:
1.
Absolute Maximum Rating Indicates limit beyond which damage to the device may occur.
2.
Operating Ratings indicate conditions for which the device is functional but do not guarantee specific performance limits.
For guaranteed specifications and test conditions, See the Electrical Characteristics. The guaranteed specifications
apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated
under the listed test conditions.
3.
VCC supply pin22 must be externally wired to gether to prevent internal damage during VCC power on/off cycles.
Table 8. SOG Sync Separator Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
SOG Low Output Voltage
V20 = S5 (30 kHz, Pw = 3
µS)
VL19
-
0.1
0.2
V
SOG High Output Voltage
V20 = S5 (30 kHz, Pw = 3
µS)
VH19
3.9
4.2
-
V
SOG Rise Time
V20 = S5 (30 kHz, Pw = 3
µS)
Tr_sog
-
20
40
nS
SOG Fall Time
V20 = S5 (30 kHz, Pw = 3
µS)
Tf_sog
-
10
20
nS
SOG Rise Delay Time
V20 = S5 (30 kHz, Pw = 3
µS)
Trd_sog
-
70
100
nS
SOG Fall Delay Time
V20 = S5 (30 kHz, Pw = 3
µS)
Tfd_sog
-
50
80
nS
SOG Min Pulse Width 1
(f = 20 kHz, Video Black)
V20 = S5
(20 kHz, 150mV,
Pw = 2
µS → 0µS )
PWmin 1
-
0.5
2.5
uS
SOG Min Pulse Width 2
(f = 200 kHz, Video Black)
V20 = S5
(200 kHz, 150mV,
Pw = 0.2
µS → 0µS )
PWmin 2
-
0.05
0.25
uS
SOG Min Pulse Width 1’
(f = 20 kHz, Video White)
V20 = S6
(20 kHz, Sync = 150mV,
Pw = 2
µS → 0µS )
PWmin 1’
-
0.5
2.5
uS
SOG Min Pulse Width 2’
(f = 200 kHz, Video White)
V20 = S6
(200 kHz, Sync = 150mV,
Pw = 0.2
µS → 0µS )
PWmin 2’
-
0.05
0.25
uS
SOG Min Separatable Level 1
(f = 20 kHz, Video Black)
V20 = S5
(20 kHz, Pw = 2
µS,
Sync = 0.3V
→ 0V)
VSmin 1
-
50
100
mV
SOG Min Separatable Level 2
(f = 200 kHz, Video Black)
V20 = S5
(200 kHz, Pw = 0.2
µS,
Sync = 0.3V
→ 0V)
VSmin 2
-
50
100
mV
SOG Min Separatable Level 1’
(f = 20 kHz, Video White)
V20 = S6
(20 kHz, Pw = 2
µS,
Sync = 0.3V
→ 0V)
VSmin 1’
-
50
100
mV
SOG Min Separatable Level 2’
(f = 200 kHz, Video White)
V20 = S6
(200 kHz, Pw = 0.2
µS,
Sync = 0.3V
→ 0V)
VSmin 2’
-
50
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com