Electronic Components Datasheet Search
  English  ▼

X  

KB8823 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KB8823
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8823 Datasheet(HTML) 1 Page - Samsung semiconductor

  KB8823 Datasheet HTML 1Page - Samsung semiconductor KB8823 Datasheet HTML 2Page - Samsung semiconductor KB8823 Datasheet HTML 3Page - Samsung semiconductor KB8823 Datasheet HTML 4Page - Samsung semiconductor KB8823 Datasheet HTML 5Page - Samsung semiconductor KB8823 Datasheet HTML 6Page - Samsung semiconductor KB8823 Datasheet HTML 7Page - Samsung semiconductor KB8823 Datasheet HTML 8Page - Samsung semiconductor KB8823 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
1
99-06-15
INTRODUCTION
The KB8821/22/23 are high performance dual frequency syn-
thesizers with integrated prescalers designed for RF operation
up to 1.2GHz/2.0GHz/2.5GHz and IF operation up to 520MHz.
The KB8821/22/23 contain dual-modulus prescalers. The RF
synthesizer adopts a 64/65 or an 128/129 prescaler(32/33 or
64/65 for the KB8823) and the IF synthesizer adopts an 8/9 or
a 16/17 prescaler.
Using a proprietary digital phase-locked-loop technique, the
KB8821/22/23 have linear phase detector characteristic and
can be used for very stable, low noise local oscillator signal.
Supply voltage can range from 2.7V to 4.0V. The KB8821/22/
23 are now available in a 20-TSSOP/24-QFN package.
FEATURES
• Very low current consumption(8821:3.5mA, 22:4.5mA, 23:5.5mA)
• Operating voltage range : 2.7 ~ 4.0V
• Selectable power saving mode(Icc=1uA typical @3V)
• Dual modulus prescaler :
KB8821/22
(RF) 64/65 or 128/129
KB8823
(RF) 32/33 or 64/65
KB8821/22/23
(IF) 8/9 or 16/17
• Programmability via serial bus interface
• No dead-zone PFD
• Variable charge pump output current
• High speed lock mode
ORDERING INFORMATION
* QFN : Quad Flat Non-leaded(see Addendum).
Device
Package
Tem. Range
KB8821/22/23
20-TSSOP-225 -40 ~ +85
°C
KB8821/22/23
24-QFN*
-40 ~ +85
°C
20-TSSOP-225
APPLICATIONS
• Cellular telephone systems : KB8821
• Portable wireless communications : KB8822
(PCS/PCN, cordless)
• Wireless Local Area Networks (W-LANs)
: KB8823
• Other wireless communication systems
BLOCK DIAGRAM
Figure 1. BLOCK DIAGRAM
RF
Serial Data Control
Charge
Pump
finRF
foLD
N Counter
CLOCK
LE
DATA
RF
Phase
Detector
RF
RF
Prescaler
finRF
+
-
RF
LD
CPoRF
finIF
finIF
OSCin
RF
R Counter
IF
R Counter
IF
Prescaler
IF
N Counter
Detector
IF
Phase
Pump
IF
Charge
CPoIF
IF
LD
+
-
foLD
Data Out
Multiplexer


Similar Part No. - KB8823

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
1.1GHZ DUAL PLL
More results

Similar Description - KB8823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
Frequency synthesizer
January 1995
logo
NIHON DEMPA KOGYO
S510M804MB NDK-S510M804MB Datasheet
86Kb / 1P
Frequency Synthesizer
logo
Spectrum Microwave, Inc...
444034 SPECTRUM-444034 Datasheet
54Kb / 1P
FREQUENCY SYNTHESIZER
logo
Shoulder Electronics Li...
HDM9150 SHOULDER-HDM9150 Datasheet
188Kb / 6P
Frequency Synthesizer
logo
Mini-Circuits
DSN-1500A-1119 MINI-DSN-1500A-1119 Datasheet
842Kb / 11P
Frequency Synthesizer
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com