Electronic Components Datasheet Search
  English  ▼

X  

KB8823 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KB8823
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8823 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KB8823 Datasheet HTML 9Page - Samsung semiconductor KB8823 Datasheet HTML 10Page - Samsung semiconductor KB8823 Datasheet HTML 11Page - Samsung semiconductor KB8823 Datasheet HTML 12Page - Samsung semiconductor KB8823 Datasheet HTML 13Page - Samsung semiconductor KB8823 Datasheet HTML 14Page - Samsung semiconductor KB8823 Datasheet HTML 15Page - Samsung semiconductor KB8823 Datasheet HTML 16Page - Samsung semiconductor KB8823 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
13
99-06-15
FUNCTIONAL DESCRIPTION- Continued
Pulse Swallow Function
fVCO=[ ( P X B ) + A ] x fOSCin / R
fVCO : External VCO output frequency
P : Preset modulus of dual modulus prescaler
(for KB8821/22 RF:P=64 or 128,
for KB8823 RF:P=32 or 64,
for IF: P=8 or 16)
B : 11-bit main counter division ratio (3
≤ B ≤ 2047)
A : 7-bit swallow counter division ratio
(for RF: 0
≤ Α ≤ 127, for IF: 0 ≤ Α ≤ 15, Α ≤ B)
fOSCin : External reference frequency(from external oscillator)
R : 15-bit reference counter division ratio (3
≤ R ≤ 32767)
Program Mode
♦ Mode Select Truth Table
* The charge pump output current of ICPo LOW = 1/4 × ICPo HIGH.
C1
C2
R16
R17
R18
R19
R20
0
0
IF Phase
Detector Polarity
IF ICPo
IF CPoIF
High Impedance
IF
LD
IF
Fo
0
1
RF Phase
Detector Polarity
RF ICPo
RF CPoIF
High Impedance
RF
LD
RF
Fo
Phase Detector Polarity
CPoIF High Impedance
ICPo
IF Prescaler
RF Prescaler
KB8821/22
(KB8823)
Pwdn
0
Negative
Normal Operation
Low
8/9
64/65
(32/33)
Pwr Up
1
Positive
High Impedance
High
16/17
128/129
(64/65)
Pwr Dn
C1
C2
N19
N20
1
0
IF Prescaler
Pwdn IF
1
1
RF Prescaler
Pwdn RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com