Electronic Components Datasheet Search
  English  ▼

X  

KB8823 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KB8823
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8823 Datasheet(HTML) 4 Page - Samsung semiconductor

  KB8823 Datasheet HTML 1Page - Samsung semiconductor KB8823 Datasheet HTML 2Page - Samsung semiconductor KB8823 Datasheet HTML 3Page - Samsung semiconductor KB8823 Datasheet HTML 4Page - Samsung semiconductor KB8823 Datasheet HTML 5Page - Samsung semiconductor KB8823 Datasheet HTML 6Page - Samsung semiconductor KB8823 Datasheet HTML 7Page - Samsung semiconductor KB8823 Datasheet HTML 8Page - Samsung semiconductor KB8823 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
4
99-06-15
PIN DESCRIPTION
Pin No
Symbol
I / O
Description
1
VDD1
-
Power supply voltage input for the RF PLL part. VDD1 must equal VDD2. In
order to reject supply noise, bypass capacitors must be placed as close as
possible to this pin and be connected directly to the ground plane.
2
Vp1
-
Power supply voltage input for RF charge pump(
≥ VDD1).
3
CPoRF
O
Internal RF charge pump output for connection to an external loop filter whose
filtered output drives an external VCO.
4
GND
-
Ground for RF digital blocks.
5
finRF
I
RF prescaler input. The signal comes from the external VCO.
6
finRF
I
The complementary input of the RF prescaler. A bypass capacitor must be
placed as close as possible to this pin and be connected directly to the ground
plane. The bypass capacitor is optional with some loss of sensitivity.
7
GND
-
Ground for RF analog blocks.
8
OSCin
I
Reference counter input. TCXO is connected via a coupling capacitor.
9
GND
-
Ground for IF digital blocks.
10
foLD
O
Multiplexed output of the RF/IF programmable counters, the reference
counters, the lock detect signals and the shift registers. The output level is
CMOS level. (see fout Programmable Truth Table)
11
CLOCK
I
CMOS clock input. Serial data for the various counters is transfered into the
22-bit shift register on the rising edge of the clock signal.
12
DATA
I
Binary serial data input. The MSB of CMOS input data is entered first. The
control bits are on the last two bits. CMOS input.
13
LE
I
Load enable CMOS input. When LE becomes high, the data in the shift
register is loaded into one of the four latches(by the control bits).
14
GND
-
Ground for IF analog blocks.
15
finIF
I
The complementary input of the IF prescaler. A bypass capacitor must be
placed as close as possible to this pin and be connected directly to the ground
plane. The bypass capacitor is optional with some loss of sensitivity.
16
finIF
I
IF prescaler input. The signal comes from the external VCO.
17
GND
-
Ground for IF digital blocks.
18
CPoIF
O
Internal IF charge pump output for connection to an external loop filter whose
filtered output drives an external VCO.
19
Vp2
-
Power supply voltage input for IF charge pump(
≥ VDD2)
20
VDD2
-
Power supply voltage input for the IF PLL part. VDD1 must equal VDD2. In
order to reject supply noise, bypass capacitors must be placed as close as
possible to this pin and be connected directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com