Electronic Components Datasheet Search
  English  ▼

X  

KB9224 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KB9224
Description  VIDEO-CD 2ND GENERATION
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB9224 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KB9224 Datasheet HTML 9Page - Samsung semiconductor KB9224 Datasheet HTML 10Page - Samsung semiconductor KB9224 Datasheet HTML 11Page - Samsung semiconductor KB9224 Datasheet HTML 12Page - Samsung semiconductor KB9224 Datasheet HTML 13Page - Samsung semiconductor KB9224 Datasheet HTML 14Page - Samsung semiconductor KB9224 Datasheet HTML 15Page - Samsung semiconductor KB9224 Datasheet HTML 16Page - Samsung semiconductor KB9224 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
VIDEO-CD 2ND GENERATION
KB9224
13
19
FOCUS ERROR OFFSET
voltage
VFEO1
Focus Error
AMP
-525
-250
-50
mV
20
FOCUS ERROR AUTO voltage
VFEO2
-35
0
+35
mV
21
ISTAT after FEBIAS adjust
VISTAT1
4.3
-
-
V
22
FOCUS ERROR voltage gain 1
GFEAC
18
21
24
dB
23
FOCUS ERROR voltage gain 2
GFEBD
18
21
24
dB
24
FOCUS ERROR voltage gain
difference
Delta GFE
-3
0
+3
dB
25
FOCUS ERROR AC difference
VFEACP
0
50
100
mV
26
FERR maximum output
voltage H
VFEPPH
4.4
-
-
V
27
FERR minimum output voltage
L
VFEPPL
-
-
0.6
V
28
AGC max. gain
GAGC
RF AGC &
Equalizer
16
19
22
dB
29
AGC EQ gain
GEQ
0
1
2
dB
30
AGC normal gain
GAGC2
3.0
6
9
dB
31
AGC compress ratio
CAGC
0
2.5
5
dB
32
AGC frequency
FAGC
-1.5
0
2.5
dB
33
AGC level control 1
AGCL1
1.03
1.15
1.3
-
34
AGC level control 2
AGCL2
1.0
1.15
1.3
-
35
AGC level control 3
AGCL3
1.0
1.15
1.25
-
No
Item
Symbol
Block
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com