Electronic Components Datasheet Search
  English  ▼

X  

KB9224 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # KB9224
Description  VIDEO-CD 2ND GENERATION
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB9224 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button KB9224 Datasheet HTML 35Page - Samsung semiconductor KB9224 Datasheet HTML 36Page - Samsung semiconductor KB9224 Datasheet HTML 37Page - Samsung semiconductor KB9224 Datasheet HTML 38Page - Samsung semiconductor KB9224 Datasheet HTML 39Page - Samsung semiconductor KB9224 Datasheet HTML 40Page - Samsung semiconductor KB9224 Datasheet HTML 41Page - Samsung semiconductor KB9224 Datasheet HTML 42Page - Samsung semiconductor KB9224 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
VIDEO-CD 2ND GENERATION
KB9224
39
GAIN ADJUSTMENT
Process Summary
The Signal TE1 output by the Tracking Error Amp outputs resistance divide (DC+AC) passes through LPF and the
DC Offset extract signal (DC) difference AMP. Only pure AC components are compared with the pre-selected
Window Comparators Gain select value to carry out the Tracking Gain Adjustment.
The Resistance Divide changes the 5-bit resistance combination with the MICOM Command, to change the Gain.
Tracking Gain Adjustment is carried out in the same conditions as Balance Adjustment, which is: Focus Loop On,
Spindle Servo On, Tracking Servo Off and Sled Servo Off. It adjusts the Tracking Error Amps Gain and the wide-
rage Pick-ups amount of reflection.
The external LPFs Cut-off Frequency is set to 10 Hz ~ 100 Hz.
The Window Comparators comparison level can be chosen from +150 mv ~ +300 mv, and +250 mv ~ +200 mv by
MICOM command.
TGL outputs +150 MV and +250 MV comparator output to TRCNT.
TGH outputs +300 MV and +200 MV comparator output to ISTAT.
Gain Adjustment is complete when the output is H.
Vac < GLI < GHI
GLI < Vac < GHI
GLI < GHI < Vac
TGH
H
H
L
TGL
L
H
H
TE2
LPFT
TE1
-
+
-
+
I/V Amp
I/V Amp
69
AND
Logic
Vd
c
Controlled by
5 bit switch
(B4~B0)
from MICOM
70
F
E
F
beam
E
beam
30
29
LPF
GH
I
GLI
TGL
TGH
TGO
ISTAT
TRCNT
To MICOM
1 K, 103
Resistance
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com