Electronic Components Datasheet Search
  English  ▼

X  

KB9224 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KB9224
Description  VIDEO-CD 2ND GENERATION
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB9224 Datasheet(HTML) 2 Page - Samsung semiconductor

  KB9224 Datasheet HTML 1Page - Samsung semiconductor KB9224 Datasheet HTML 2Page - Samsung semiconductor KB9224 Datasheet HTML 3Page - Samsung semiconductor KB9224 Datasheet HTML 4Page - Samsung semiconductor KB9224 Datasheet HTML 5Page - Samsung semiconductor KB9224 Datasheet HTML 6Page - Samsung semiconductor KB9224 Datasheet HTML 7Page - Samsung semiconductor KB9224 Datasheet HTML 8Page - Samsung semiconductor KB9224 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
VIDEO-CD 2ND GENERATION
KB9224
2
INTRODUCTION
The KB9224 is a Servo Signal Processor designed specifically for the Samsung Video-CD designed using the
BICMOS process. RF Block and Picture Quality Enhancing Items are built-in. The processor is a Hard-wired Free-
Adjustment Servo with the Pre-signal parts adjustment point automatically adjusted.
FEATURES
• Focus Error Amplifier & Servo Control
• Tracking Error Amplifier & Servo Control
• Sled Amplifier
• Embedded CLV Control LPF
• APC (Auto Laser Power Control) Circuit for Constant Laser Power
• Double Speed Play Available
• Circuit for Interruption Countermeasure
• Mirror, FOK & Defect Detector Circuit
• FE Bias & Focus Servo Offset Free Adjustment
• EF Balance & Tracking Loop Gain Free Adjustment
• Tracking Servo Offset Free Adjustment
• Enhanced Auto-Sequence Algorithm (Fast-Search)
• Tracking Mutting by Window Mirror
• Current, Voltage Pick-up Interaction available
• Embedded RF 3T Boost Circuit
• Enhanced RF Equalize AGC Circuit
• Built-in Envelope EFM Slicer
• Built-in DSP C1-flag Control Circuit
• RF Peaking Prevention Circuit
• Focus & Tracking mutting by EFM Duty Countermeasure
• Built-in Focus, Tracking 2x Filter Adjust
• Single Power Supply: +5 V
•- Related Products
. KS9287 Data Processor
. KA9258D/KA9259D Motor Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com