Electronic Components Datasheet Search
  English  ▼

X  

KC73125MP Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KC73125MP
Description  1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73125MP Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KC73125MP Datasheet HTML 9Page - Samsung semiconductor KC73125MP Datasheet HTML 10Page - Samsung semiconductor KC73125MP Datasheet HTML 11Page - Samsung semiconductor KC73125MP Datasheet HTML 12Page - Samsung semiconductor KC73125MP Datasheet HTML 13Page - Samsung semiconductor KC73125MP Datasheet HTML 14Page - Samsung semiconductor KC73125MP Datasheet HTML 15Page - Samsung semiconductor KC73125MP Datasheet HTML 16Page - Samsung semiconductor KC73125MP Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
KC73125MP
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
13
APPLICATION CIRCUITS
Figure 3. Application Circuits
KS7221D
1
3
4
5
6
7
8
9
10
2
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Φ
V4
Φ
V3
Φ
V2
Φ
V1
GND
V
DD
SUB
V
L
Φ
H2
Φ
H1
Φ
RG
V
GG
V
OUT
VRD
V
SS
+15V
XSUB XV2 XV1 XSG1 XV3 XSG3 XV4
22uH
103
10uF/20V
+
5V
100K
MA110
105
+15V
103
103
103
22uH
10uF/20V
22uH
-9V
+15V
+
+
10uF/20V
CCD Output
KSC2757
100
Ω
3.9k
Ω
180k
Ω
27k
Ω
680k
Ω
22k
Ω
105
47/6.3V
105
+
F
RG
F
H1
F
H2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com