Electronic Components Datasheet Search
  English  ▼

X  

KC73125MP Datasheet(PDF) 18 Page - Samsung semiconductor

Part # KC73125MP
Description  1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73125MP Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button KC73125MP Datasheet HTML 10Page - Samsung semiconductor KC73125MP Datasheet HTML 11Page - Samsung semiconductor KC73125MP Datasheet HTML 12Page - Samsung semiconductor KC73125MP Datasheet HTML 13Page - Samsung semiconductor KC73125MP Datasheet HTML 14Page - Samsung semiconductor KC73125MP Datasheet HTML 15Page - Samsung semiconductor KC73125MP Datasheet HTML 16Page - Samsung semiconductor KC73125MP Datasheet HTML 17Page - Samsung semiconductor KC73125MP Datasheet HTML 18Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73125MP
18
HANDLING INSTRUCTIONS
•
Static Charge Prevention
CCD image sensors can be easily damaged by static discharge. Before handling, be sure to take the following
protective measures.
— Use non chargeable gloves, clothes or material. Also use conductive shoes.
— When handling directly, use an earth band.
— Install a conductive mat on the floor or working table to prevent generation of static electricity.
— Ionized air is recommended for discharging when handling CCD image sensor.
— For the shipment of mounted substrates, use boxes treated for the prevention of static charges.
•
Soldering
— Make sure the package temperature does not exceed 80
°C.
— Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded 30W
soldering iron and solder each pin in less than 2 seconds. For repairs and and remount, cool sufficiently.
— To dismount an imaging device, do not use a solder suction equipment. When using an electronic
disoldering tool, use a thermal controller of the zero cross on/off type and connect to ground.
•
Dust and Dirt Protection
— Operate in the clean environments (around class 1000 will be appropriate).
— Do not either touch glass plates by hand or have object come in contact with glass surface. Should dirt
stick to a glass surface blow it off with an air blow (for dirt stuck through static electricity ionized air is
recommended).
— Clean with a cotton bud and ethyl alcohol if the glass surface is grease stained. Be caerful not to scratch
the glass.
— Keep in case to protect from dust and dirt. To prevent dew condensation, preheat or precool when moving
to a room with great temperature differences.
— When a protective tape is applied before shipping, just before use remove the tape applied electrostatic
protection. Do not reuse the tape.
•
Do not expose to strong light (sun rays) for long period, color filter are discolored.
•
Exposure to high temperature or humidity will affect the characteristics. accordingly avoid storage or
usage in such conditions.
•
CCD image sensors are precise optical equipment that should not be subject to mechanical shocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com