Electronic Components Datasheet Search
  English  ▼

X  

KS0093 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KS0093
Description  26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0093 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KS0093 Datasheet HTML 9Page - Samsung semiconductor KS0093 Datasheet HTML 10Page - Samsung semiconductor KS0093 Datasheet HTML 11Page - Samsung semiconductor KS0093 Datasheet HTML 12Page - Samsung semiconductor KS0093 Datasheet HTML 13Page - Samsung semiconductor KS0093 Datasheet HTML 14Page - Samsung semiconductor KS0093 Datasheet HTML 15Page - Samsung semiconductor KS0093 Datasheet HTML 16Page - Samsung semiconductor KS0093 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0093
9
FUNCTION DESCRIPTION
SYSTEM INTERFACE
KS0093 has two kinds of interface type with MPU: bus mode, serial mode. Serial or bus mode is selected by PS
pin. In bus mode, 4-bit bus or 8-bit bus is selected by IF pin, and 68 series MPU or 80 series MPU is selected by
MI pin.
Table 4. Various Kinds of MPU Interface according to PS, MI and IF
PS
MI
IF
CSB
RS
RW_WR
E_RD
DB0
∼∼DB3
DB4
∼∼DB5
DB6
DB7
8 bit (H)
CSB
RS
R/W
E
DB0
∼DB3
DB4
∼DB5
DB6
DB7
68 series
(H)
4 bit (L)
CSB
RS
R/W
E
∗
(1)
DB4
∼DB5
DB6
DB7
8 bit (H)
CSB
RS
WR
RD
DB0
∼DB3
DB4
∼DB5
DB6
DB7
Bus mode
(H)
80 series
(L)
4 bit (L)
CSB
RS
WR
RD
∗
DB4
∼DB5
DB6
DB7
Serial
mode
(L)
(H)/(L)
(2)
(H)/(L)
CSB
RS
(H)/(L)
(H)/(L)
∗
∗
SCL
SI
NOTES:
1. Don’t care (high, low or open)
2. Fixed high (VDD) or low (VSS)
PS: "High" = bus mode, "Low" = serial mode
MI: "High" = 68-series MPU, "Low" = 80-series MPU
IF: "High" = 8 bit mode, "Low" = 4 bit mode (PS: "High")
CSB: "High" = chip is not selected, "Low" = chip is selected
RS: "High" = data register, "Low" = instruction register
RW_WR: Read / Write indicating signal in 68 mode or active low signal for enabling write in 80 mode
E_RD: Active high signal for enabling command is 68 mode or active low signal for enabling read in 80 mode.
SCL (DB6): Serial clock input
SI (DB7): Serial data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com