Electronic Components Datasheet Search
  English  ▼

X  

KS0093 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # KS0093
Description  26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0093 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button KS0093 Datasheet HTML 35Page - Samsung semiconductor KS0093 Datasheet HTML 36Page - Samsung semiconductor KS0093 Datasheet HTML 37Page - Samsung semiconductor KS0093 Datasheet HTML 38Page - Samsung semiconductor KS0093 Datasheet HTML 39Page - Samsung semiconductor KS0093 Datasheet HTML 40Page - Samsung semiconductor KS0093 Datasheet HTML 41Page - Samsung semiconductor KS0093 Datasheet HTML 42Page - Samsung semiconductor KS0093 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0093
35
VOLTAGE REGULATOR
The Voltage Regulator circuit is used to obtain an appropriate LCD panel driving voltage. This voltage is obtained
by adjusting resistors Ra and Rb as shown in equation (1) or (2), and by setting electronic contrast control data
bits, see equation (3) or (4).
The potential of V0 Pin can be adjusted within VOUT - VREF. VREF is the internal constant voltage source of the
chip and this value is 2.0V in the condition VDD
≥ 2.4V
The REF selects which voltage is used for voltage regulator between the external VEXT and the internal VREF.
n
Voltage regulation by adjusting resistors Ra, Rb
When REF is "Low"
When REF is "High"
Rb
Rb
V0 = ( 1 +
) x VREF --- (1)
V0 = ( 1 +
) x VEXT --- (2)
Ra
Ra
The internal VREF of voltage regulator has the temperature compensation function, and the temperature coefficient
is about 0.0%/
°C.
_
+
Inside Chip
GND
Ra
Rb
VEXT
VSS
VOUT
V0
REF
VR
VREF
Figure 19. Voltage Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com