Electronic Components Datasheet Search
  English  ▼

X  

KS0093 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # KS0093
Description  26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0093 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button KS0093 Datasheet HTML 17Page - Samsung semiconductor KS0093 Datasheet HTML 18Page - Samsung semiconductor KS0093 Datasheet HTML 19Page - Samsung semiconductor KS0093 Datasheet HTML 20Page - Samsung semiconductor KS0093 Datasheet HTML 21Page - Samsung semiconductor KS0093 Datasheet HTML 22Page - Samsung semiconductor KS0093 Datasheet HTML 23Page - Samsung semiconductor KS0093 Datasheet HTML 24Page - Samsung semiconductor KS0093 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0093
17
SEGMENT ICON RAM (ICONRAM)
ICONRAM has segment control data and segment pattern data. COMI1 and COMI2 are the same signal but the
name is different. So the icons on the same SEG are displayed at the same time. The number of icons is 80.
COMI 2
COMI 1
Figure 9. Relationship between ICONRAM and Icon Display
Table 7. Relationship between ICONRAM Address and Display Pattern
ICONRAM bits
ICONRAM address
D7
D6
D5
D4
D3
D2
D1
D0
00h
-
-
-
S1
S2
S3
S4
S5
01h
-
-
-
S6
S7
S8
S9
S10
02h
-
-
-
S11
S12
S13
S14
S15
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
0Dh
-
-
-
S66
S67
S68
S69
S70
0Eh
-
-
-
S71
S72
S73
S74
S75
0Fh
-
-
-
S76
S77
S78
S79
S80
NOTE: "-" - Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com