Electronic Components Datasheet Search
  English  ▼

X  

TL7231MD Datasheet(PDF) 8 Page - Samsung semiconductor

Part # TL7231MD
Description  FULL LAYER-III ISO/IEC 11172-3 AUDIO DECODER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TL7231MD Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button TL7231MD Datasheet HTML 4Page - Samsung semiconductor TL7231MD Datasheet HTML 5Page - Samsung semiconductor TL7231MD Datasheet HTML 6Page - Samsung semiconductor TL7231MD Datasheet HTML 7Page - Samsung semiconductor TL7231MD Datasheet HTML 8Page - Samsung semiconductor TL7231MD Datasheet HTML 9Page - Samsung semiconductor TL7231MD Datasheet HTML 10Page - Samsung semiconductor TL7231MD Datasheet HTML 11Page - Samsung semiconductor TL7231MD Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TL7231MD
8/37
SAMSUNG Electronics Co.
FUNCTIONAL DESCRIPTION
RESET/CLOCK UNIT
TL7231MD is driven by a single clock at the frequency of 16.9344MHz. The clock is derived
from an external source or from an industry standard crystal oscillator, generating input
frequency of 16.9344MHz. The clock generation unit has a PLL, and all the internal clock
signals including internal DAC/ADC clocks are generated with the input clock.
When TL7231MD is in power-on-reset, RESET signal should be active at least 150
µs till the
internal PLL is stabilized. To reset TL7231MD during normal operation, RESET signal should be
active at least 16 cycles.
Figure 3. Clock Circuit
DSP CORE LOGIC
The core logic of TL7231MD is a 32-bit floating-point DSP processor. The independent multiplier
and accumulator of TL7231MD can achieve high performance. Internal registers are 40-bit
registers that store values with a 32-bit mantissa and an 8-bit exponent. These registers can
serve as both the source and destination for any arithmetic operation. Since all the data
input/output transactions are managed by DMA, there is no computational overhead due to data
transactions.
SERIAL INTERFACE
The serial interface of TL7231MD is used to receive MPEG bit stream data or transmit/receive
voice data. It is configured to transfer 8 bits of data per word. It can be configured to be LSB-
first or MSB first transfer mode. LSB-first means that the data bits are transmitted and received
least-significant bit (LSB) first. MSB-first means that the data bits are transmitted and received
most-significant bit (MSB) first. The clock for the serial interface should be generated externally.
The related signals are CLKXRM, DXRM, and REQSTRM. REQSTRM is used for
synchronization between microcontroller and TL7231MD, and data is transferred during
REQSTRM active.
CPUXI
16.9344MHz
CPUXO
FILTER
TL7231MD
1M
30p
30p
820p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com