Electronic Components Datasheet Search
  English  ▼

X  

TL7231MD Datasheet(PDF) 34 Page - Samsung semiconductor

Part # TL7231MD
Description  FULL LAYER-III ISO/IEC 11172-3 AUDIO DECODER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TL7231MD Datasheet(HTML) 34 Page - Samsung semiconductor

Back Button TL7231MD Datasheet HTML 29Page - Samsung semiconductor TL7231MD Datasheet HTML 30Page - Samsung semiconductor TL7231MD Datasheet HTML 31Page - Samsung semiconductor TL7231MD Datasheet HTML 32Page - Samsung semiconductor TL7231MD Datasheet HTML 33Page - Samsung semiconductor TL7231MD Datasheet HTML 34Page - Samsung semiconductor TL7231MD Datasheet HTML 35Page - Samsung semiconductor TL7231MD Datasheet HTML 36Page - Samsung semiconductor TL7231MD Datasheet HTML 37Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
TL7231MD
34/37
SAMSUNG Electronics Co.
Host interface Port
The following table defines the timing parameters for the Host Interface Port I/O pins. The
numbers shown in Figure 22 correspond to each number in the first column of the table.
NO.
Symbol
Description
MIN
MAX
Unit
6
THAW
HALE pulse width
2.0
ns
7
THDSU
Setup time, HD address setup before HALE low
2.0
ns
8
THDH
Hold time, HD address hold after HALE low
0.8
ns
9
THAS
Start of write or read after HALE low
0.0
ns
10
THDSU
Setup time, HD data setup before end of write
0.7
ns
11
THDH
Hold time, HD data hold after end of write
2.2
ns
12
THRW
Read or write pulse width
36.2
ns
13
THDE
HD data enabled after start of read
7.8
ns
14
THDD
HD data valid after start of read
7.9
ns
15
THRDH
HD data hold after end of read
3.7
7.8
ns
16
THRDD
HD data disabled after end of read
4.2
7.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com