Electronic Components Datasheet Search
  English  ▼

X  

TL7231MD Datasheet(PDF) 13 Page - Samsung semiconductor

Part # TL7231MD
Description  FULL LAYER-III ISO/IEC 11172-3 AUDIO DECODER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TL7231MD Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button TL7231MD Datasheet HTML 9Page - Samsung semiconductor TL7231MD Datasheet HTML 10Page - Samsung semiconductor TL7231MD Datasheet HTML 11Page - Samsung semiconductor TL7231MD Datasheet HTML 12Page - Samsung semiconductor TL7231MD Datasheet HTML 13Page - Samsung semiconductor TL7231MD Datasheet HTML 14Page - Samsung semiconductor TL7231MD Datasheet HTML 15Page - Samsung semiconductor TL7231MD Datasheet HTML 16Page - Samsung semiconductor TL7231MD Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TL7231MD
SAMSUNG Electronics CO.
13/37
20h
1byte
Bass Boost
Control
(MP3 Only)
Control Bass boost. The upper nibble of the parameter
controls the cutoff frequency of bass boost, and the lower
nibble controls the level of bass boost. The value of
upper nibble should be in the range of 0 to 6. The cutoff
frequency is
25
× upper nibble + 50 (Hz).
If the values of the lower nibble is in the range of 0 to 12,
the low frequency band below the cutoff frequency is
boosted by 0dB ~ 18dB (1.5dB step). The other values
mean no boost. For example, if the parameter value is
42h, then the cutoff frequency will be 25
×4+50=150Hz,
and the frequency band below 150Hz will be boosted by
3dB compared to the upper frequency band. In case of
using bass boost, volume is reduced by 1.5
× n dB where
n means the parameter value. The reset value is
FFh(disabled).
21h
1byte
Volume Control
Control volume. The parameter should have the value of
range from 0 to 255. If the value is n, the volume is
attenuated by n/2 dB compared to maximum volume. The
reset value is 0.
22h
1byte
Prescale Control
Control the prescaling. The parameter is a signed value
and can be -128 to 127. The prescaling is done by 0.5
×
n dB according to parameter value n. That is, 0h ~ 7Fh
means 0dB ~ 63.5dB scaling, 80h ~ FFh means –64dB ~
-0.5dB scaling. The reset value is 0dB.
23h
1byte
Tone Control –
Bass Gain
(MP3 Only)
Control the Bass Gain. The parameter is a signed value
and can be -128 to 127. The gain can be 0.5
× n dB
according to parameter value n. The reset value is 0.
24h
1byte
Tone Control –
Treble Gain
(MP3 Only)
Control the Treble Gain. The parameter is a signed value
and can be -128 to 127. The gain can be 0.5
× n dB
according to parameter value n. The reset value is 0.
25h
1byte
Tone Control –
Bass Cutoff
(MP3 Only)
Control the Bass Cutoff Frequency. The parameter can
have the value of 0 to 255. The cutoff frequency can be
20 + 5
× n Hz according to parameter value n. The reset
value is 0.
26h
1byte
Tone Control –
Treble Cutoff
(MP3 Only)
Control the Treble Cutoff Frequency. The parameter can
have the value of 0 to 255. The cutoff frequency can be
5000 + 20
× n Hz according to parameter value n. The
reset value is 0.
27h
none
Tone Control –
Enable
(MP3 Only)
Enable the Tone Control Function. Tone Control Function
is disabled when reset.
28h
none
Tone Control –
Disable
(MP3 Only)
Disable the Tone Control Function. Tone Control Function
is disabled when reset.
30h
none
MP3 CRC Bypass
(MP3 Only)
During MP3 decoding, even if the input bit stream
contains the CRC field, TL7231MD doesn’t check the
CRC error. After reset, TL7231MD is set to check CRC
error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com