Electronic Components Datasheet Search
  English  ▼

X  

2SC5610 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5610
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5610 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5610 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2022/2SC5610
No.6367–2/5
Continued on preceding page.
Switching Time Test Circuit
+
+
50
Ω
INPUT
OUTPUT
VR
RB
RL
VCC=20V
100
µF
470
µF
VBE=--5V
PW=20
µs
IB1
IB2
D.C.
≤1%
10IB1= --10IB2= IC=2A
(For PNP, the polarity is reversed.)
--7
--6
--5
--4
--3
--2
--1
0
0
--0.4
--0.8
--1.2
--1.6
--2.0
IC -- VCE
--10mA
--5mA
--20mA
--40mA
--60mA
--80mA
--180mA
--160mA
IB=0
2SA2022
IT01345
--7
--6
--5
--4
--3
--2
--1
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
IT01346
2SA2022
VCE=--2V
--140mA
--120mA
--100mA
7
6
5
4
3
2
1
0
0
0.4
0.8
1.2
1.6
2.0
IC -- VCE
5mA
10mA
20mA
60mA
40mA
80mA
100mA
IB=0
2SC5610
IT01353
120mA
180mA
140mA
160mA
7
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IC -- VBE
IT01354
2SC5610
VCE=2V
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Base-to-Emitter Voltage, VBE –V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV E
C
)
t
a
s
(IC
I
,
A
5
.
2
)
–
(
=
B
A
m
5
2
1
)
–
(
=
)
0
5
1
–
()
0
0
3
–
(V
m
0
3
10
6
2V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV E
B
)
t
a
s
(IC
I
,
A
5
.
2
)
–
(
=
B
A
m
5
2
1
)
–
(
=5
8
.
0
)
–
(2
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
–
(
=
E 0
=
)
0
5
–
(V
0
6V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
–
(
=
E
B =∞
0
5
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
)
–
(
=
C 0
=6
)
–
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
0
3s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
5
2
(
s
n
0
0
3
s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
5
1s
n



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com