Electronic Components Datasheet Search
  English  ▼

X  

2SC5610 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5610
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5610 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5610 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2022/2SC5610
No.6367–4/5
A S O
ICP
IC
100ms
10
µs
1ms
1.8
2.0
0
1.6
1.4
2.2
1.0
0.8
0.6
0.4
0.2
1.2
20
060
40
80
100
140
120
160
PC -- Ta
2SA2022 / 2SC5610
IT01362
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
2
0.1
1.0
10
100
25
37
2
5
37
25
37
IT01361
f T -- IC
7
3
100
2
5
7
3
2
5
1000
IT01360
2SC5610
VCE=2V
f T -- IC
100
1000
7
7
2
5
3
3
2
5
--0.01
25
7
57
3
2
5
7
32
5
3
--0.1
--1.0
0.01
25
7
57
3
2
5
7
32
5
3
0.1
1.0
IT01352
2SA2022
VCE=--2V
Cob -- VCB
7
5
3
2
7
5
3
2
5
3
2
10
100
--1.0
23
5
7
2
3
5
2
3
5
7
--1.0
--10
IT01351
2SA2022
f=1MHz
7
5
3
2
7
5
3
2
10
100
5
3
2
1.0
23
5
7
10
2
IT01359
2SC5610
f=1MHz
Cob -- VCB
18
20
0
16
14
22
10
8
6
4
2
12
20
060
40
80
100
140
120
160
PC -- Tc
2SA2022 / 2SC5610
IT01870
Collector Current, IC –A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Ambient Temperature, Ta – ˚C
No
heat
sink
Case Temperature, Tc – ˚C
2SA2022 / 2SC5610
Tc=25
°C
Single pulse
For PNP, the minus sign (–) is omitted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com