Electronic Components Datasheet Search
  English  ▼

X  

2SC5610 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5610
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5610 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5610 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5610 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2022/2SC5610
No.6367–3/5
10
1.0
0.1
2
3
5
7
2
3
5
7
2
3
5
7
0.01
0.01
0.1
23
5
7
23
5 7
23
5
7
1.0
10
VCE(sat) -- IC
IT01357
Ta=75
°C
25
°C
--25
°C
2SC5610
IC / IB=50
VBE(sat) -- IC
10
1.0
0.1
0.01
0.1
1.0
10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5
7
2
3
5
7
2
3
5 7
2SC5610
IC / IB=20
IT01358
1000
100
2
3
5
7
2
3
5
7
10
0.01
0.1
23
5
7
23
5
7
2
3
5
7
1.0
10
VCE(sat) -- IC
IT01356
Ta
=75
°C
25
°C
--2
5°
C
2SC5610
IC / IB=20
--1000
--100
2
3
5
7
2
3
5
7
--10
--0.01
--0.1
23
5
7
2
3
5 7
2
3
5
7
--1.0
--10
VCE(sat) -- IC
IT01348
Ta=75
°C
25
°C
--25
°C
2SA2022
IC / IB=20
--10
--1.0
--0.1
2
3
5
7
2
3
5
7
2
3
5
7
--0.01
--0.01
--0.1
23
5 7
2
3
5
7
2
3
5
7
--1.0
--10
VCE(sat) -- IC
IT01349
Ta=75
°C
25
°C
--25
°C
2SA2022
IC / IB=50
VBE(sat) -- IC
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5
7
2
3
5
7
2
3
5
7
2SA2022
IC / IB=20
IT01350
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25 7
3
25
7
--1.0
hFE -- IC
IT01347
Ta=75
°C
25
°C
--25
°C
2SA2022
VCE=--2V
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25 7
1.0
hFE -- IC
IT01355
Ta=75
°C
25
°C
--25
°C
2SC5610
VCE=2V
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com