Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830IDBVR
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830IDBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA830IDBVR Datasheet HTML 11Page - Texas Instruments OPA830IDBVR Datasheet HTML 12Page - Texas Instruments OPA830IDBVR Datasheet HTML 13Page - Texas Instruments OPA830IDBVR Datasheet HTML 14Page - Texas Instruments OPA830IDBVR Datasheet HTML 15Page - Texas Instruments OPA830IDBVR Datasheet HTML 16Page - Texas Instruments OPA830IDBVR Datasheet HTML 17Page - Texas Instruments OPA830IDBVR Datasheet HTML 18Page - Texas Instruments OPA830IDBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
15
TYPICAL CHARACTERISTICS: VS = +3V
At TA = 25°C, G = +2, and RL = 150Ω to VS/3, unless otherwise noted (see Figure 2).
6
3
0
−3
−6
−9
−12
−15
−18
NONINVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
110
100
400
R
L = 150Ω
V
O =0.2VPP
SeeFigure2
G= +2
G= +10
G= +5
9
6
3
0
−3
−6
−9
−12
NONINVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
10
100
400
R
L =150Ω
G= +2V/V
See Figure 2
V
O =1.5VPP
V
O =1VPP
V
O =0.5VPP
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
NONINVERTING PULSE RESPONSE
Time (10ns/div)
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
Large−Signal
± 0.5V
Right Scale
Small−Signal
± 100mV
Left Scale
G= +2V/V
See Figure 2
3
0
−3
−6
−9
−12
−15
−18
INVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
300
G=
−10
G=
−5
G=
−2
G=
−1
R
L = 150Ω
V
O =0.2VPP
3
0
−3
−6
−9
−12
−15
−18
INVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
10
100
300
R
L =150Ω
G=
−1V/V
V
O =1.5VPP
V
O =1VPP
V
O =0.5VPP
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
INVERTING PULSE RESPONSE
Time (10ns/div)
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
Large−Signal
± 0.5V
Right Scale
Small−Signal
± 100mV
Left Scale
G=
−1V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com