Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830IDBVR
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830IDBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA830IDBVR Datasheet HTML 15Page - Texas Instruments OPA830IDBVR Datasheet HTML 16Page - Texas Instruments OPA830IDBVR Datasheet HTML 17Page - Texas Instruments OPA830IDBVR Datasheet HTML 18Page - Texas Instruments OPA830IDBVR Datasheet HTML 19Page - Texas Instruments OPA830IDBVR Datasheet HTML 20Page - Texas Instruments OPA830IDBVR Datasheet HTML 21Page - Texas Instruments OPA830IDBVR Datasheet HTML 22Page - Texas Instruments OPA830IDBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
19
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
OPERATION
The OPA830 is a unity-gain stable, very high-speed
voltage-feedback op amp designed for single-supply
operation (+3V to +10V). The input stage supports input
voltages below ground and to within 1.7V of the positive
supply. The complementary common-emitter output stage
provides an output swing to within 25mV of ground and the
positive supply. The OPA830 is compensated to provide
stable operation with a wide range of resistive loads.
Figure 1 shows the AC-coupled, gain of +2 configuration
used for the +5V Specifications and Typical Characteristic
Curves. For test purposes, the input impedance is set to
50
Ω with a resistor to ground. Voltage swings reported in
the Electrical Characteristics are taken directly at the input
and output pins. For the circuit of Figure 1, the total
effective load on the output at high frequencies is
150
Ω || 1500Ω. The 1.5kΩ resistors at the noninverting
input provide the common-mode bias voltage. Their
parallel combination equals the DC resistance at the
inverting input (RF), reducing the DC output offset due to
input bias current.
OPA830
VS =+5V
V
OUT
53.6
Ω
V
IN
1.50k
Ω
+V
S/2
1.50k
Ω
R
L
150
Ω
+V
S
2
6.8
µF
+
0.1
µF
0.1
µF
R
F
750
Ω
R
G
750
Ω
2.5V
Figure 1. AC-Coupled, G = +2, +5V Single-Supply
Specification and Test Circuit
Figure 2 shows the AC-coupled, gain of +2 configuration
used for the +3V Specifications and Typical Characteristic
Curves. For test purposes, the input impedance is set to
50
Ω with a resistor to ground. Voltage swings reported in
the Electrical Characteristics are taken directly at the input
and output pins. For the circuit of Figure 2, the total
effective load on the output at high frequencies is
150
Ω || 1500Ω. The 1.13kΩ and 2.26kΩ resistors at the
noninverting input provide the common-mode bias
voltage. Their parallel combination equals the DC
resistance at the inverting input (RF), reducing the DC
output offset due to input bias current.
OPA830
V
S =+3V
V
OUT
53.6
Ω
V
IN
2.26k
Ω
1.13k
Ω
R
L
150
Ω
+V
S
3
6.8
µF
+
0.1
µF
0.1
µF
R
F
750
Ω
R
G
750
Ω
+1V
+V
S/3
Figure 2. AC-Coupled, G = +2, +3V Single-Supply
Specification and Test Circuit
Figure 3 shows the DC-coupled, gain of +2, dual
power-supply circuit configuration used as the basis of the
±5V Electrical Characteristics and Typical Characteristics.
For test purposes, the input impedance is set to 50
Ω with
a resistor to ground and the output impedance is set to
150
Ω with a series output resistor. Voltage swings
reported in the specifications are taken directly at the input
and output pins. For the circuit of Figure 3, the total
effective load will be 150
Ω || 1.5kΩ. Two optional
components are included in Figure 3. An additional
resistor (348
Ω) is included in series with the noninverting
input. Combined with the 25
Ω DC source resistance
looking back towards the signal generator, this gives an
input bias current cancelling resistance that matches the
375
Ω source resistance seen at the inverting input (see
the DC Accuracy and Offset Control section). In addition
to the usual power-supply decoupling capacitors to
ground, a 0.01
µF capacitor is included between the two
power-supply pins. In practical PC board layouts, this
optional capacitor will typically improve the 2nd-harmonic
distortion performance by 3dB to 6dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com