Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830IDBVR
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830IDBVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA830IDBVR Datasheet HTML 21Page - Texas Instruments OPA830IDBVR Datasheet HTML 22Page - Texas Instruments OPA830IDBVR Datasheet HTML 23Page - Texas Instruments OPA830IDBVR Datasheet HTML 24Page - Texas Instruments OPA830IDBVR Datasheet HTML 25Page - Texas Instruments OPA830IDBVR Datasheet HTML 26Page - Texas Instruments OPA830IDBVR Datasheet HTML 27Page - Texas Instruments OPA830IDBVR Datasheet HTML 28Page - Texas Instruments OPA830IDBVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
25
is to isolate the capacitive load from the feedback loop by
inserting a series isolation resistor between the amplifier
output and the capacitive load.
The Typical Characteristic curves show the recommended
RS versus capacitive load and the resulting frequency
response at the load. Parasitic capacitive loads greater
than 2pF can begin to degrade the performance of the
OPA830. Long PC board traces, unmatched cables, and
connections to multiple devices can easily exceed this
value. Always consider this effect carefully, and add the
recommended series resistor as close as possible to the
output pin (see the Board Layout Guidelines section).
The criterion for setting this RS resistor is a maximum
bandwidth, flat frequency response at the load. For a gain
of +2, the frequency response at the output pin is already
slightly peaked without the capacitive load, requiring
relatively high values of RS to flatten the response at the
load. Increasing the noise gain will also reduce the peaking
(see Figure 7).
DISTORTION PERFORMANCE
The OPA830 provides good distortion performance into a
150
Ω load. Relative to alternative solutions, it provides
exceptional
performance
into
lighter
loads
and/or
operating on a single +3V supply. Generally, until the
fundamental signal reaches very high frequency or power
levels, the 2nd-harmonic will dominate the distortion with
a negligible 3rd-harmonic component. Focusing then on
the 2nd-harmonic, increasing the load impedance
improves distortion directly. Remember that the total load
includes the feedback network; in the noninverting
configuration (see Figure 3) this is sum of RF + RG, while
in the inverting configuration, only RF needs to be included
in parallel with the actual load. Running differential
suppresses the 2nd-harmonic, as shown in the differential
typical characteristic curves.
NOISE PERFORMANCE
High slew rate, unity-gain stable, voltage-feedback op
amps usually achieve their slew rate at the expense of a
higher input noise voltage. The 9.2nV/
√Hz input voltage
noise for the OPA830 however, is much lower than
comparable amplifiers. The input-referred voltage noise
and the two input-referred current noise terms (2.8pA/
√Hz)
combine to give low output noise under a wide variety of
operating conditions. Figure 10 shows the op amp noise
analysis model with all the noise terms included. In this
model, all noise terms are taken to be noise voltage or
current density terms in either nV/
√Hz or pA/√Hz.
4kT
R
G
R
G
R
F
R
S
OPA830
I
BI
E
O
I
BN
4kT = 1.6E
− 20J
at 290
_K
E
RS
E
NI
4kTR
S
√
4kTR
F
√
Figure 10. Noise Analysis Model
The total output spot noise voltage can be computed as the
square root of the sum of all squared output noise voltage
contributors. Equation 4 shows the general form for the
output noise voltage using the terms shown in Figure 10:
E
O +
ENI
2 ) I
BNRS
2
) 4kTR
S
NG2
) I
BIRF
2
) 4kTR
FNG
Dividing
this
expression
by
the
noise
gain
(NG = (1 + RF/RG)) will give the equivalent input-referred
spot noise voltage at the noninverting input, as shown in
Equation 5:
E
N +
E
NI
2 ) I
BNRS
2
) 4kTR
S )
I
BIRF
NG
2
)
4kTR
F
NG
Evaluating these two equations for the circuit and
component values shown in Figure 1 will give a total output
spot noise voltage of 19.3nV/
√Hz and a total equivalent
input spot noise voltage of 9.65nV/
√Hz. This is including
the noise added by the resistors. This total input-referred
spot noise voltage is not much higher than the 9.2nV/
√Hz
specification for the op amp voltage noise alone.
DC ACCURACY AND OFFSET CONTROL
The balanced input stage of a wideband voltage-feedback
op amp allows good output DC accuracy in a wide variety
of applications. The power-supply current trim for the
OPA830 gives even tighter control than comparable
products. Although the high-speed input stage does
require relatively high input bias current (typically 5
µA out
of each input terminal), the close matching between them
may be used to reduce the output DC error caused by this
current. This is done by matching the DC source
resistances appearing at the two inputs. Evaluating the
configuration of Figure 3 (which has matched DC input
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com