Electronic Components Datasheet Search
  English  ▼

X  

THS7364IPW Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPW
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPW Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS7364IPW Datasheet HTML 13Page - Texas Instruments THS7364IPW Datasheet HTML 14Page - Texas Instruments THS7364IPW Datasheet HTML 15Page - Texas Instruments THS7364IPW Datasheet HTML 16Page - Texas Instruments THS7364IPW Datasheet HTML 17Page - Texas Instruments THS7364IPW Datasheet HTML 18Page - Texas Instruments THS7364IPW Datasheet HTML 19Page - Texas Instruments THS7364IPW Datasheet HTML 20Page - Texas Instruments THS7364IPW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
10
0
10
20
30
40
50
60
-
-
-
-
-
-
1M
1G
Frequency(Hz)
10M
100M
V
=3.3V
Load=
||5pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
R =75
L
W
R =150
L
W
FilterMode
BypassMode
6.5
6
5.5
5
4.5
4
3.5
3
2.5
1M
1G
Frequency(Hz)
10M
100M
V
=3.3V
Load=
||5pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
R =75
L
W
R =150
L
W
FilterMode
BypassMode
20
18
16
14
12
10
8
6
1M
1G
Frequency(Hz)
10M
100M
FilterMode
V
=3.3V
Load=
||5pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
45
0
45
90
135
180
225
270
315
360
-
-
-
-
-
-
-
-
1M
1G
Frequency(Hz)
10M
100M
V
=3.3V
Load=
||5pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
R =75
L
W
R =150
L
W
FilterMode
BypassMode
10
0
10
20
30
40
50
60
-
-
-
-
-
-
10M
1G
Frequency(Hz)
100M
V
=3.3V
Load=
||5pF
DC-CoupledOutput
S+
150 W
V =0.2V
O
PP
V =2V
O
PP
V =2V
O
PP
V =1V
O
PP
V =0.2V
O
PP
FilterMode
BypassMode
6.5
6
5.5
5
4.5
4
3.5
3
2.5
10M
1G
Frequency(Hz)
100M
V
=3.3V
Load=
||5pF
DC-CoupledOutput
S+
150 W
V =0.2V
O
PP
V =2V
O
PP
V =2V
O
PP
V =1V
O
PP
V =0.2V
O
PP
FilterMode
BypassMode
THS7364
www.ti.com
SBOS530 – AUGUST 2010
TYPICAL CHARACTERISTICS: 3.3 V, Full HD (FHD) Channels
With load = 150
Ω || 5 pF, dc-coupled input and output, unless otherwise noted.
FHD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
FHD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 23.
Figure 24.
FHD CHANNELS GROUP DELAY vs FREQUENCY
FHD CHANNELS PHASE vs FREQUENCY RESPONSE
RESPONSE
Figure 25.
Figure 26.
FHD CHANNELS LARGE-SIGNAL GAIN vs FREQUENCY
FHD CHANNELS LARGE-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 27.
Figure 28.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com