Electronic Components Datasheet Search
  English  ▼

X  

2SC5414 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5414
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5414 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5414 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5414
No.5910–2/6
hFE - I C
46
8
10
0
0.2
0.4
0.6
0.8
1.0
1.2
2
0
7
5
32
7
57
5
33
3
22
0
10
40
20
50
30
0
4
2
6
10
8
12
0
20
40
60
100
80
1.0
10
100
2
7
57
5
33
2
1.0
10
100
100
10
3
5
7
7
2
2
3
5
7
2
7
5
3
0.1
1.0
2
7
5
32
3
10
2
1.0
7
7
5
32
7
5
3
10
100
1.0
10
0.1
2
3
2
3
5
5
7
7
7
2
7
5
3
0.1
1.0
2
7
5
32
3
10
1.0
10
0.1
7
2
3
2
3
5
5
7
1.0
10
2
3
5
7
f T - I C
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB=0
I C - VCE
I C - VBE
Cob - VCB
Cre - VCB
VCE=5V
2V
2V
VCE=5V
VCE=5V
2V
f = 1MHz
f = 1MHz
0
4
2
8
6
10
2
7
1.0
7
5
32
7
5
3
10
100
NF - I C
S21e2 -- IC
f = 1GHz
f = 1GHz
VCE=2V
VCE=5V
5V
2V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC – mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com