Electronic Components Datasheet Search
  English  ▼

X  

2SC5414 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5414
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5414 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5414 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5414
No.5910–4/6
VCE=2V, IC=20mA, ZO=50Ω
VCE=2V, IC=30mA, ZO=50Ω
VCE=5V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
16
7
4
.
08
.
5
7
–9
3
9
.
2
27
.
1
2
11
3
0
.
09
.
2
63
3
6
.
04
.
0
4
–
0
0
27
1
3
.
01
.
3
1
1
–4
4
5
.
3
13
.
0
0
17
4
0
.
02
.
1
67
2
4
.
03
.
8
4
–
0
0
47
2
2
.
00
.
5
5
1
–3
9
1
.
73
.
0
81
8
0
.
05
.
9
59
1
3
.
03
.
3
5
–
0
0
66
0
2
.
06
.
8
7
13
1
9
.
45
.
6
66
1
1
.
01
.
5
53
9
2
.
00
.
9
5
–
0
0
85
9
1
.
02
.
8
5
14
6
7
.
33
.
4
51
5
1
.
01
.
9
49
8
2
.
01
.
7
6
–
0
0
0
14
9
1
.
07
.
9
3
11
9
0
.
34
.
3
46
8
1
.
04
.
2
41
9
2
.
04
.
5
7
–
0
0
2
18
9
1
.
04
.
1
2
12
3
6
.
20
.
2
30
2
2
.
09
.
4
34
9
2
.
04
.
4
8
–
0
0
4
14
0
2
.
08
.
5
0
15
0
3
.
23
.
1
23
5
2
.
05
.
7
20
9
2
.
03
.
3
9
–
0
0
6
13
1
2
.
02
.
9
86
6
0
.
22
.
1
15
8
2
.
01
.
0
21
8
2
.
03
.
2
0
1
–
0
0
8
10
3
2
.
02
.
5
71
8
8
.
15
.
18
1
3
.
05
.
2
15
7
2
.
00
.
1
1
1
–
0
0
0
22
5
2
.
09
.
2
62
4
7
.
14
.
8
–0
5
3
.
06
.
44
6
2
.
00
.
0
2
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
0
4
.
07
.
8
8
–7
4
8
.
3
26
.
6
1
18
2
0
.
05
.
3
61
6
5
.
05
.
2
4
–
0
0
24
8
2
.
08
.
6
2
1
–1
4
5
.
3
19
.
6
95
4
0
.
07
.
3
60
8
3
.
05
.
7
4
–
0
0
48
2
2
.
06
.
7
6
1
–4
7
0
.
72
.
8
71
8
0
.
05
.
1
65
9
2
.
03
.
1
5
–
0
0
67
1
2
.
03
.
9
6
17
2
8
.
40
.
5
66
1
1
.
08
.
6
55
7
2
.
02
.
7
5
–
0
0
83
1
2
.
00
.
1
5
17
8
6
.
38
.
2
53
5
1
.
03
.
0
56
7
2
.
00
.
6
6
–
0
0
0
11
1
2
.
03
.
4
3
14
3
0
.
32
.
2
48
8
1
.
02
.
3
41
8
2
.
09
.
4
7
–
0
0
2
16
1
2
.
08
.
7
1
19
7
5
.
28
.
0
33
2
2
.
05
.
5
33
8
2
.
02
.
4
8
–
0
0
4
12
2
2
.
01
.
3
0
12
6
2
.
24
.
0
26
5
2
.
09
.
7
20
8
2
.
02
.
3
9
–
0
0
6
18
3
2
.
06
.
7
89
2
0
.
23
.
0
19
8
2
.
03
.
0
21
7
2
.
04
.
2
0
1
–
0
0
8
18
4
2
.
02
.
4
70
4
8
.
13
.
01
2
3
.
06
.
2
15
6
2
.
02
.
1
1
1
–
0
0
0
21
7
2
.
06
.
1
66
0
7
.
17
.
9
–4
5
3
.
05
.
44
5
2
.
05
.
0
2
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
0
8
.
04
.
1
4
–3
8
9
.
2
11
.
5
4
12
3
0
.
01
.
8
69
9
8
.
06
.
0
2
–
0
0
27
2
6
.
05
.
2
7
–4
3
0
.
0
17
.
0
2
12
5
0
.
07
.
5
58
4
7
.
03
.
2
3
–
0
0
49
9
3
.
04
.
4
1
1
–8
0
2
.
65
.
2
94
7
0
.
06
.
7
40
9
5
.
07
.
2
4
–
0
0
64
1
3
.
00
.
4
4
1
–2
2
4
.
49
.
4
73
9
0
.
02
.
4
52
3
5
.
04
.
9
4
–
0
0
86
6
2
.
08
.
9
6
1
–5
2
4
.
33
.
0
65
1
1
.
09
.
2
44
1
5
.
08
.
6
5
–
0
0
0
12
4
2
.
07
.
8
6
11
3
8
.
29
.
7
47
3
1
.
08
.
9
32
1
5
.
06
.
4
6
–
0
0
2
10
3
2
.
01
.
6
4
12
2
4
.
23
.
5
31
6
1
.
08
.
5
30
1
5
.
06
.
2
7
–
0
0
4
17
2
2
.
08
.
5
2
11
2
1
.
20
.
4
26
8
1
.
03
.
1
38
0
5
.
08
.
0
8
–
0
0
6
17
3
2
.
07
.
5
0
12
0
9
.
11
.
3
12
1
2
.
04
.
6
24
0
5
.
01
.
9
8
–
0
0
8
19
4
2
.
05
.
8
85
2
7
.
11
.
30
4
2
.
00
.
1
21
0
5
.
02
.
7
9
–
0
0
0
23
7
2
.
07
.
2
75
9
5
.
12
.
7
–1
7
2
.
08
.
4
17
9
4
.
00
.
6
0
1
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com