Electronic Components Datasheet Search
  English  ▼

X  

2SC5414 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5414
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5414 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5414 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5414
No.5910–3/6
S Parameters (Common emitter)
VCE=2V, IC=5mA, ZO=50Ω
VCE=2V, IC=10mA, ZO=50Ω
80
100
120
140
160
60
40
20
0
0
100
200
300
500
400
PC - Ta
Ambient Temperature, Ta –
°C
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
19
8
7
.
01
.
6
4
–0
9
7
.
2
17
.
2
4
11
4
0
.
01
.
6
60
7
8
.
04
.
5
2
–
0
0
24
0
6
.
01
.
0
8
–1
3
6
.
98
.
7
1
13
6
0
.
01
.
3
51
9
6
.
05
.
9
3
–
0
0
44
0
4
.
07
.
3
2
1
–2
0
8
.
52
.
0
90
9
0
.
06
.
4
40
1
5
.
07
.
1
5
–
0
0
61
3
3
.
08
.
3
5
1
–1
0
1
.
44
.
2
72
1
1
.
02
.
2
44
4
4
.
08
.
8
5
–
0
0
87
9
2
.
09
.
7
7
1
–0
8
1
.
30
.
8
57
3
1
.
03
.
9
39
1
4
.
04
.
6
6
–
0
0
0
11
8
2
.
09
.
0
6
12
4
6
.
25
.
5
43
6
1
.
07
.
5
33
1
4
.
01
.
4
7
–
0
0
2
15
7
2
.
04
.
0
4
14
5
2
.
27
.
2
30
9
1
.
00
.
1
30
1
4
.
05
.
2
8
–
0
0
4
17
7
2
.
06
.
2
2
13
8
9
.
15
.
1
28
1
2
.
00
.
6
25
0
4
.
09
.
0
9
–
0
0
6
11
8
2
.
09
.
3
0
17
8
7
.
13
.
0
17
4
2
.
05
.
0
25
9
3
.
08
.
9
9
–
0
0
8
15
9
2
.
00
.
9
86
2
6
.
11
.
0
–8
7
2
.
04
.
4
10
9
3
.
03
.
8
0
1
–
0
0
0
24
1
3
.
05
.
3
71
1
5
.
13
.
0
1
–1
1
3
.
07
.
70
8
3
.
05
.
7
1
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
3
6
.
01
.
0
6
–1
4
6
.
8
18
.
1
3
16
3
0
.
01
.
3
64
5
7
.
09
.
3
3
–
0
0
28
3
4
.
08
.
5
9
–5
6
1
.
2
17
.
7
0
14
5
0
.
05
.
5
59
4
5
.
07
.
5
4
–
0
0
49
8
2
.
08
.
8
3
1
–8
2
7
.
62
.
4
83
8
0
.
02
.
3
52
9
3
.
09
.
3
5
–
0
0
65
4
2
.
00
.
8
6
1
–4
5
6
.
41
.
9
63
1
1
.
05
.
0
58
4
3
.
07
.
9
5
–
0
0
87
2
2
.
03
.
0
7
15
7
5
.
32
.
6
56
4
1
.
07
.
5
46
3
3
.
03
.
7
6
–
0
0
0
11
2
2
.
03
.
0
5
10
5
9
.
25
.
4
47
7
1
.
01
.
0
45
3
3
.
03
.
5
7
–
0
0
2
15
1
2
.
03
.
0
3
10
2
5
.
25
.
2
31
2
2
.
09
.
0
32
3
3
.
07
.
6
8
–
0
0
4
18
1
2
.
03
.
3
1
13
0
2
.
26
.
1
20
4
2
.
00
.
7
21
3
3
.
03
.
2
9
–
0
0
6
11
3
2
.
02
.
6
98
7
9
.
12
.
1
12
7
2
.
01
.
0
20
2
3
.
01
.
1
0
1
–
0
0
8
13
4
2
.
08
.
0
85
0
8
.
12
.
14
0
3
.
00
.
3
14
1
3
.
07
.
9
0
1
–
0
0
0
27
6
2
.
09
.
6
68
6
6
.
19
.
8
–6
3
3
.
05
.
56
0
3
.
06
.
8
1
1
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com