Electronic Components Datasheet Search
  English  ▼

X  

AD5755ACPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD5755ACPZ
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755ACPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5755ACPZ Datasheet HTML 12Page - Analog Devices AD5755ACPZ Datasheet HTML 13Page - Analog Devices AD5755ACPZ Datasheet HTML 14Page - Analog Devices AD5755ACPZ Datasheet HTML 15Page - Analog Devices AD5755ACPZ Datasheet HTML 16Page - Analog Devices AD5755ACPZ Datasheet HTML 17Page - Analog Devices AD5755ACPZ Datasheet HTML 18Page - Analog Devices AD5755ACPZ Datasheet HTML 19Page - Analog Devices AD5755ACPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AD5755/AD5735
Preliminary Technical Data
Rev. PrG | Page 16 of 34
THEORY OF OPERATION
The AD5755/AD5735 is a quad, precision digital to current
loop and voltage output converter designed to meet the
requirements of industrial process control applications. It
provides a high precision, fully integrated, low cost single-chip
solution for generating current loop and unipolar/bipolar
voltage outputs. The current ranges available are; 0 to 20mA, 0
to 24mA and 4 to 20mA, the voltage ranges available are; 0 to
5V, ±5V, 0 to 10V and ±10V, the current and voltage outputs are
available on separate pins and only one is active at any one time.
The desired output configuration is user selectable via the DAC
Control Register.
On chip dynamic power control minimizes package power
dissipation in current mode.
DAC ARCHITECTURE
The DAC core architecture of the AD5755/AD5735 consists of
two matched DAC sections. A simplified circuit diagram is
shown in Figure 13. The 4 MSBs of the 16/12-bit data word are
decoded to drive 15 switches, E1 to E15. Each of these switches
connects 1 of 15 matched resistors to either ground or the
reference buffer output. The remaining 12/8 bits of the data-
word drive switches S0 to S11 /S7 of a 12/8-bit voltage mode R-
2R ladder network.
Figure 13. DAC Ladder Structure
The voltage output from the DAC core is either converted to a
current (see Figure 15) which is then mirrored to the supply rail
so that the application simply sees a current source output with
respect to ground or it is buffered and scaled to output a
software selectable unipolar or bipolar voltage range (See
diagram, Figure 14). The current and voltage are output on
separate pins and cannot be output simultaneously. A channels
current and voltage output pins may be tied together.
Figure 14. Voltage Output
Figure 15. Voltage to Current conversion circuitry
Voltage Output Amplifier
The voltage output amplifier is capable of generating both
unipolar and bipolar output voltages. It is capable of driving a
load of 1 kΩ in parallel with 2000 pF to AGND. The source and
sink capabilities of the output amplifier can be seen in Figure
TBD. The slew rate is 1 V/µs with a full-scale settling time of 10
µs.(10V step).
Driving Large Capacitive Loads
The voltage output amplifier is capable of driving capacitive
loads of up to 1uF with the addition of a non-polarized
compensation capacitors on each channel. Care should be taken
to choose an appropriate value of compensation capacitor. This
capacitor, while allowing the AD5755/AD5735 to drive higher
cap loads and reduce overshoot, will increase the settling time
of the part and therefore effect the bandwidth of the system.
Without the compensation capacitor, up to 20nF capacitive
loads can be driven. See pin list for information on connecting
compensation capacitors.
Reference Buffers
The AD5755/AD5735 can operate with either an external or
internal reference. The reference input has an input range of 4 V
to 5 V, 5 V for specified performance. This input voltage is then
buffered before it is applied to the DAC.
POWER ON STATE OF AD5755/AD5735
On initial power-up of the
AD5755/AD5735 the power-on-reset
circuit powers up in a state that is dependent on the POC (Power
on Control) pin.
If POC = 0 both the Vout/Iout channels will power up in Tri-state
mode.
If POC= 1 the Vout channel will Power up with 30k pull down to
Ground, and the IOUT channel will power up to tri-state.
Even though the output ranges are not enabled, the default output
range is 0-5V, and the Clear Code Register is loaded with all zeros.
This means if the user CLEARS the part after power-up the output
will be actively driven to zero volts. (If the channel has been
enabled for clear)
8-12 BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
2R
2R
S0
S1
S7/S11
E1
E2
E15
VOUT
2R
2R
2R
2R
2R
DAC
+VSENSE
-VSENSE
RANGE
SCALING
VOUT SHORT FAULT
VOUT
12-/16-BIT
DAC
A1
VBOOST
IOUT
A2
T1
T2
RSET
R2
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com