Electronic Components Datasheet Search
  English  ▼

X  

AD5755ACPZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD5755ACPZ
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755ACPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5755ACPZ Datasheet HTML 26Page - Analog Devices AD5755ACPZ Datasheet HTML 27Page - Analog Devices AD5755ACPZ Datasheet HTML 28Page - Analog Devices AD5755ACPZ Datasheet HTML 29Page - Analog Devices AD5755ACPZ Datasheet HTML 30Page - Analog Devices AD5755ACPZ Datasheet HTML 31Page - Analog Devices AD5755ACPZ Datasheet HTML 32Page - Analog Devices AD5755ACPZ Datasheet HTML 33Page - Analog Devices AD5755ACPZ Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
AD5755/AD5735
Preliminary Technical Data
Rev. PrG | Page 30 of 34
Table 38. Slew Rate Update Clock Options
SR_CLOCK
Update Clock Frequency (Hz)*
0000
64K
0001
32K
0010
16K
0011
8k
0100
4k
0101
2k
0110
1k
0111
500
1000
250
1001
125
1010
64
1011
32
1100
16
1101
8
1110
4
1111
0.5Hz
*Clock Frequencies accurate to ±TDB%.
Table 39. Slew_Rate Step Size Options
SR_STEP
AD5735 (12 BIT)
Step Size (LSBs)
AD5755 (16 BIT)
Step Size (LSBs)
000
1/16
1
001
1/8
2
010
1/4
4
011
½
16
100
2
32
101
4
64
110
8
128
111
16
256
The following equation describes the slew rate as a function of
the step size, the update clock frequency and the LSB size.
Size
LSB
Frequency
Clock
Update
Size
Step
Change
Output
Time
Slew
×
×
=
Where:
Slew Time is expressed in seconds
Output Change is expressed in Amps for IOUT or V olts for V OUT
W hen the slew rate control feature is enabled, all output
changes will change at the programmed slew rate, for example
if the CLEAR pin is asserted the output will slew to the clear
value at the programmed slew rate (assuming that Clear
channel is enabled to be cleared). T he update clock
frequency for any given value will be the same for all output
ranges, the step size however will vary across output ranges for
a given value of step size as the LSB size will be different for
each output range.
POWER DISSIPATION CONTROL
The AD5755/AD5735 contains integrated dynamic power
control using a DC-DC boost circuit allowing reductions in
power consumption from standard designs when using the part
in current output mode.
In standard current input module designs the load resistor
values can range from typically 50 ohm to 750 ohm. Output
module systems must source enough voltage to meet the
compliance voltage requirement across the full range of load
resistor values. For example, in a 4-20ma loop when driving
20ma a compliance voltage of >15V is required. When driving
20ma into a 50 ohm load only 1V compliance is required.
The AD5755/AD5735 circuitry senses the output voltage and
regulates this voltage to meet compliance requirements plus a
small headroom voltage.
DC-DC CONVERTERS
The AD5755/AD5735 contains 4 independent DCDC
converters. These are used to provide dynamic control of the
VBOOST supply voltage for each channel (See Figure 15). Figure
20 below shows the discreet components needed for the DCDC
circuitry and the following sections describe component
selection and operation of this circuitry.
Figure 20. DC-DC Circuit
DC-DC Operation
The on-board DC-DC converters use a constant frequency,
peak current mode control scheme to step-up an AVcc input in
the range 2.7 to 5.5v to drive the AD5755/AD5735 output
channel. These are designed to operate in discontinuous
conduction mode (DCM) with a duty cycle < 85%.
Discontinuous conduction mode refers to a mode of operation
where the inductor current goes to zero for an appreciable % of
the switching cycle. The DCDC converters are non
synchronous i.e. they require an external schottky diode.
DC-DC Output Voltage
When a channel current output is enabled the converter
regulates the Vboost supply to 7.5V or (Iout*Rload+2V),
whichever is greater. The maximum Vboost voltage is set in the
DC-DC Control Register (25, 27.3, 28.6 or 30V. See Table 32).
In voltage output mode, or in current output mode with the
output disabled, the converter regulates the VBOOST supply to
+15v (±8%).
AVcc
L
DCDC
DCDC
DCDC
D
C
SW_x
Vboost_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com