Electronic Components Datasheet Search
  English  ▼

X  

AD5755ACPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5755ACPZ
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755ACPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5755ACPZ Datasheet HTML 15Page - Analog Devices AD5755ACPZ Datasheet HTML 16Page - Analog Devices AD5755ACPZ Datasheet HTML 17Page - Analog Devices AD5755ACPZ Datasheet HTML 18Page - Analog Devices AD5755ACPZ Datasheet HTML 19Page - Analog Devices AD5755ACPZ Datasheet HTML 20Page - Analog Devices AD5755ACPZ Datasheet HTML 21Page - Analog Devices AD5755ACPZ Datasheet HTML 22Page - Analog Devices AD5755ACPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 19 of 34
PROGRAMMING SEQUENCE TO WRITE/ENABLE
THE OUTPUT CORRECTLY
To correctly write to and set up the part from a power on
condition the sequence below should be followed. It is
recommended to perform a hardware or software reset after
initial power on.
Firstly, the DC-DC supply block needs to be configured. The
user should set the DC-DC switching frequency, max output
voltage allowed and the phase that the 4 DC-DC channels clock
at. Secondly the DAC Control Register should be configured on
a per channel basis. The output range is selected, and the DC-
DC block is enabled (DC-DC). Other control bits may be
configured at this point, however, the output enable bit
(OUTEN) and the INT_ENABLE bit should not be set. Next,
the user writes the required code to the DAC Data Register.
This will implement a full DAC calibration internally. Finally
the user writes to the DAC Control Register again to enable the
output (set the OUTEN bit). A flow chart of this sequence is
shown below.
Figure 17. Programming Sequence for Enabling the Output Correctly
CHANGING AND REPROGRAMMING THE RANGE
When changing between ranges the same sequence as above
should be used. It is recommended to set the range to its zero
point (can be mid-scale or zero-scale) prior to disabling the
output. As the DC-DC switching frequency, max voltage and
phase have already been selected, there is no need to reprogram
this. A flow chart of this sequence is shown below.
Figure 18. Steps for Changing the Output Range
Power On
Step 2: Write to DC-DC Control Register to
set DC-DC Clock Frequency, phase
and maximum voltage.
Step 3:Write to DAC Control Register. Select
the DAC Channel and output Range.
Set the DC_DC bit and other control
bits as required. Do not select OUTEN
bit or the INT_ENABLE bit..
Step 4:Write to each/all DAC Data Registers.
Step 5:Write to DAC Control Register. Reload
sequence as in Step 3 above.This time
select the OUTEN bit to enable the
output.
Step 1: Perform a Software/Hardware Reset
Step 1: Write to channels DAC Data Register,
Set the output to 0V (zero or mid-
scale).
Step 2:Write to DAC Control Register. Disable
the output (OUTEN=0), and set the
new output range. Keep the DC-DC
enabled, do not select the
INT_Enable bit.
Step 3:Write value to the DAC Data Register.
Step 4:Write to DAC Control Register. Reload
sequence as in Step 2 above.This time
select the OUTEN bit to enable the
output.
Channels Output is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com