Electronic Components Datasheet Search
  English  ▼

X  

SI4313 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # SI4313
Description  Si4313 LOW-COST ISM RECEIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4313 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button SI4313 Datasheet HTML 28Page - Silicon Laboratories SI4313 Datasheet HTML 29Page - Silicon Laboratories SI4313 Datasheet HTML 30Page - Silicon Laboratories SI4313 Datasheet HTML 31Page - Silicon Laboratories SI4313 Datasheet HTML 32Page - Silicon Laboratories SI4313 Datasheet HTML 33Page - Silicon Laboratories SI4313 Datasheet HTML 34Page - Silicon Laboratories SI4313 Datasheet HTML 35Page - Silicon Laboratories SI4313 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Si4313-B1
32
Rev. 0.5
8. Auxiliary Functions
8.1. Smart Reset
The Si4313 contains an enhanced integrated SMART RESET or POR circuit. The POR circuit contains both a
classic level threshold reset as well as a slope detector, POR. This reset circuit was designed to produce a reliable
reset signal under any circumstances. Reset will be initiated if any of the following conditions occurs:
Initial power on, VDD starts from GND: reset is active till VDD reaches VRR (see table).
When VDD decreases below VLD for any reason: reset is active till VDD reaches VRR.
A software reset via Register 08h. "Operating Mode and Function Control 2," where reset is active for time
TSWRST.
On the rising edge of a VDD glitch when the supply voltage exceeds the time functioned limit of Figure 10.
Figure 10. POR Glitch Parameters
The reset will initialize all registers to their default values. The reset signal is also available for output and use by
the microcontroller by using the default setting for GPIO_0. The inverted reset signal is available by default on
GPIO_1.
Table 13. POR Parameters
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Release Reset Voltage
VRR
0.85
1.3
1.75
V
Power-On VDD Slope
SVDD
Tested VDD Slope Region
0.03
300
V/ms
Low VDD Limit
VLD
VLD<VRR
0.7
1
1.3
V
Software Reset Pulse
TSWRST
50
470
µs
Threshold Voltage
VTSD
0.4
V
Reference Slope
K
0.2
V/ms
VDD Glitch Reset Pulse
TP
Also occurs after SDN, and initial
power on
516
40
ms
Reset
TP
t=0,
VDD starts to rise
t
VDD(t)
reset:
Vglitch>=0.4+t*0.2V/ms
actual VDD(t)
showing glitch
reset limit:
0.4V+t*0.2V/ms
VDD nom.
0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com