Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2302
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 4Page - Analog Devices ADP2302 Datasheet HTML 5Page - Analog Devices ADP2302 Datasheet HTML 6Page - Analog Devices ADP2302 Datasheet HTML 7Page - Analog Devices ADP2302 Datasheet HTML 8Page - Analog Devices ADP2302 Datasheet HTML 9Page - Analog Devices ADP2302 Datasheet HTML 10Page - Analog Devices ADP2302 Datasheet HTML 11Page - Analog Devices ADP2302 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP2302/ADP2303
Rev. 0 | Page 8 of 28
590
610
630
650
670
690
710
730
750
770
790
810
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 16. Frequency vs. Temperature
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
–40
–20
0
20406080
100
120
TEMPERATURE (°C)
Figure 17. ADP2302 Current-Limit Threshold vs. Temperature, VBST − VSW = 5 V
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
TEMPERATURE (°C)
–40
–20
0
20406080
100
120
RISING
FALLING
Figure 18. UVLO Threshold vs. Temperature
788
790
792
794
796
798
800
802
804
806
808
810
812
TEMPERATURE (°C)
–40
–20
0
20406080
100
120
Figure 19. 0.8 V Feedback Voltage vs. Temperature
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 20. ADP2303 Current-Limit Threshold vs. Temperature, VBST − VSW = 5 V
1.05
1.00
1.10
1.15
1.20
1.25
1.30
TEMPERATURE (°C)
–40
–20
0
20406080
100
120
RISING
FALLING
Figure 21. Enable Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com