Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2302
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 7Page - Analog Devices ADP2302 Datasheet HTML 8Page - Analog Devices ADP2302 Datasheet HTML 9Page - Analog Devices ADP2302 Datasheet HTML 10Page - Analog Devices ADP2302 Datasheet HTML 11Page - Analog Devices ADP2302 Datasheet HTML 12Page - Analog Devices ADP2302 Datasheet HTML 13Page - Analog Devices ADP2302 Datasheet HTML 14Page - Analog Devices ADP2302 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADP2302/ADP2303
Rev. 0 | Page 11 of 28
CH1 1.00mV
B
W
CH2 10.0V
M40.0µs
A CH1
1.26V
1
4
2
T 30.00%
VOUT
IL
SW
CH4 5.00A
Ω
Figure 34. Output Short, VOUT = 3.3 V, VIN = 12 V,
L = 4.7 μH, COUT = 2 × 47 μF
CH1 20.0mV
B
W
CH2 10.0V BW M1.00ms A CH3
11.0V
1
3
2
T 23.40%
VOUT
VIN
SW
CH3 5.00V BW
Figure 35. ADP2303 Line Transient, 7 V to 15 V, VOUT = 3.3 V, IOUT = 3 A,
L = 4.7 μH, COUT = 2 × 47 μF
1k
10k
80
64
48
32
16
0
–16
–32
–48
–64
–80
180
144
108
72
36
0
–36
–72
–108
–144
–180
100k
1M
CROSS FREQUENCY = 36kHz
PHASE MARGIN = 60°
FREQUENCY (Hz)
Figure 36. ADP2302 Bode Plot, VOUT = 2.5 V, VIN = 12 V,
L = 4.7 μH, COUT =3 × 22 μF
CH1 1.00V
B
W
CH2 10.0V
M400µs
A CH1
1.26V
1
4
2
T 30.00%
VOUT
IL
CH4 5.00A
Ω
SW
Figure 37. Output Short Recovery, VOUT = 3.3 V, VIN = 12 V,
L = 4.7 μH, COUT = 2 × 47 μF
CH1 20.0mV
B
W
CH2 10.0V BW M1.00ms
A CH3
11.0V
1
3
2
T 23.40%
VOUT
VIN
SW
CH3 5.00V BW
Figure 38. ADP2302 Line Transient, 7 V to 15 V, VOUT = 3.3 V, IOUT = 2 A,
L = 6.8 μH, COUT = 2 × 22 μF
1k
10k
80
64
48
32
16
0
–16
–32
–48
–64
–80
180
144
108
72
36
0
–36
–72
–108
–144
–180
100k
1M
CROSS FREQUENCY = 42kHz
PHASE MARGIN = 56°
FREQUENCY (Hz)
Figure 39. ADP2302 Bode Plot, VOUT = 3.3 V, VIN = 12 V,
L = 6.8 μH, COUT = 2 × 22 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com