Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2302
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 20Page - Analog Devices ADP2302 Datasheet HTML 21Page - Analog Devices ADP2302 Datasheet HTML 22Page - Analog Devices ADP2302 Datasheet HTML 23Page - Analog Devices ADP2302 Datasheet HTML 24Page - Analog Devices ADP2302 Datasheet HTML 25Page - Analog Devices ADP2302 Datasheet HTML 26Page - Analog Devices ADP2302 Datasheet HTML 27Page - Analog Devices ADP2302 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP2302/ADP2303
Rev. 0 | Page 24 of 28
VOUT = 5.0V
2A
ADP2302ARDZ-5.0
BST
SW
FB
CBST
0.1µF
D
B330B
COUT1
22µF
16V
COUT2
22µF
16V
L
6.8µH
GND
VIN
PGOOD
EN
VIN = 12V
CIN
10µF
25V
RPGOOD
100k
Ω
Figure 58. ADP2302 Typical Application, VIN = 12 V, VOUT = 5 V, 2 A
VOUT = 1.5V
3A
ADP2303ARDZ
BST
SW
FB
CBST
0.1µF
D
SSB43L
COUT1
47µF
6.3V
COUT2
47µF
6.3V
L
2.5µH
GND
VIN
PGOOD
EN
VIN = 12V
CIN
10µF
25V
RPGOOD
100k
Ω
COUT3
47µF
6.3V
RTOP
10k
Ω
1%
RBOT
11.3k
Ω
1%
Figure 59. ADP2303 Typical Application, VIN = 12 V, VOUT = 1.5 V, 3 A
VOUT = 1.8V
3A
ADP2303ARDZ
BST
SW
FB
CBST
0.1µF
D
SSB43L
COUT1
47µF
6.3V
COUT2
47µF
6.3V
L
3.3µH
GND
VIN
PGOOD
EN
VIN = 12V
CIN
10µF
25V
RPGOOD
100k
Ω
RTOP
12.7k
Ω
1%
RBOT
10.2k
Ω
1%
COUT3
47µF
6.3V
Figure 60. ADP2303 Typical Application, VIN = 12 V, VOUT = 1.8 V, 3 A
VOUT = 2.5V
3A
ADP2303ARDZ
BST
SW
FB
CBST
0.1µF
D
SSB43L
COUT1
47µF
6.3V
COUT2
47µF
6.3V
L
3.3µH
GND
VIN
PGOOD
EN
VIN = 12V
CIN
10µF
25V
RPGOOD
100k
Ω
RTOP
21.5k
Ω
1%
RBOT
10.2k
Ω
1%
Figure 61. ADP2303 Typical Application, VIN = 12 V, VOUT = 2.5 V, 3 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com