Electronic Components Datasheet Search
  English  ▼

X  

LTC2463 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2463
Description  Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2463 Datasheet(HTML) 1 Page - Linear Technology

  LTC2463 Datasheet HTML 1Page - Linear Technology LTC2463 Datasheet HTML 2Page - Linear Technology LTC2463 Datasheet HTML 3Page - Linear Technology LTC2463 Datasheet HTML 4Page - Linear Technology LTC2463 Datasheet HTML 5Page - Linear Technology LTC2463 Datasheet HTML 6Page - Linear Technology LTC2463 Datasheet HTML 7Page - Linear Technology LTC2463 Datasheet HTML 8Page - Linear Technology LTC2463 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2461/LTC2463
1
24613f
–50
–10
10
–30
50
70
30
90
TEMPERATURE (°C)
1.2520
1.2515
1.2510
1.2505
1.2500
24613 TA01b
1.2480
1.2485
1.2490
1.2495
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Ultra-Tiny, 16-Bit I2C
ΔΣ
ADCs with 10ppm/°C Max
Precision Reference
The LTC®2461/LTC2463 are ultra tiny, 16-Bit analog-to-
digital converters with an integrated precision reference.
They use a single 2.7V to 5.5V supply and communicate
through an I2C Interface. The LTC2461 is single-ended
with a 0V to 1.25V input range and the LTC2463 is dif-
ferential with a 1.25V input range. Both ADCs include a
1.25V integrated reference with 2ppm/°C drift perfor-
mance and 0.1% initial accuracy. The converters are
available in a 12-pin 3mm
× 3mm DFN package or an
MSOP-12 package. They include an integrated oscillator
and perform conversions with no latency for multiplexed
applications. The LTC2461/LTC2463 include a proprietary
input sampling scheme that reduces the average input
current several orders of magnitude when compared to
conventional delta sigma converters.
Following a single conversion, the LTC2461/LTC2463
automatically power down the converter and can also be
configured to power down the reference. When both the
ADC and reference are powered down, the supply current
is reduced to 200nA.
The LTC2461/LTC2463 can sample at 60 conversions per
second and, due to the very large oversampling ratio,
have extremely relaxed antialiasing requirements. Both
include continuous internal offset and fullscale calibration
algorithms which are transparent to the user, ensuring ac-
curacy over time and the operating temperature range.
VREF vs Temperature
n 16-Bit Resolution, No Missing Codes
n Internal Reference, High Accuracy 10ppm/°C (Max)
n Single-Ended (LTC2461) or Differential (LTC2463)
n 2LSB Offset Error (Typ)
n 0.01% Gain Error (Typ)
n 60 Conversions Per Second
n Single Conversion Settling Time for Multiplexed
Applications
n 1.5mA Supply Current
n 200nA Sleep Current
n Internal Oscillator—No External Components
Required
n 2-Wire I2C Interface with Two Addresses Plus One
Global Address for Synchronization
n Ultra-Tiny, 12-Lead, 3mm
× 3mm DFN and MSOP
Packages
n System Monitoring
n Environmental Monitoring
n Direct Temperature Measurements
n Instrumentation
n Data Acquisition
n Embedded ADC Upgrades
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6208279, 6411242, 7088280, 7164378.
10k
10k
10k
R
SCL
I2C
INTERFACE
SDA
0.1μF
0.1μF
2.7V TO 5.5V
10μF
0.1μF
IN+
REFOUT
REF–
VCC
0.1μF
COMP
GND
A0
IN–
0.1μF
LTC2463
24613 TA01a


Similar Part No. - LTC2463

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2463 LINER-LTC2463_15 Datasheet
309Kb / 20P
Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2463

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2471 LINER-LTC2471 Datasheet
306Kb / 20P
Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2471 LINER-LTC2471_15 Datasheet
491Kb / 20P
Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2461 LINER-LTC2461_15 Datasheet
309Kb / 20P
Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2463 LINER-LTC2463_15 Datasheet
309Kb / 20P
Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2460 LINER-LTC2460_15 Datasheet
314Kb / 22P
Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2462 LINER-LTC2462_15 Datasheet
314Kb / 22P
Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2470 LINER-LTC2470_15 Datasheet
383Kb / 22P
Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2472 LINER-LTC2472_15 Datasheet
383Kb / 22P
Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com