Electronic Components Datasheet Search
  English  ▼

X  

ATTINY87 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY87
Description  8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY87 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY87 Datasheet HTML 1Page - ATMEL Corporation ATTINY87 Datasheet HTML 2Page - ATMEL Corporation ATTINY87 Datasheet HTML 3Page - ATMEL Corporation ATTINY87 Datasheet HTML 4Page - ATMEL Corporation ATTINY87 Datasheet HTML 5Page - ATMEL Corporation ATTINY87 Datasheet HTML 6Page - ATMEL Corporation ATTINY87 Datasheet HTML 7Page - ATMEL Corporation ATTINY87 Datasheet HTML 8Page - ATMEL Corporation ATTINY87 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 292 page
background image
2
8265A–AVR–08/10
ATtiny87/ATtiny167
1. Description
1.1
Comparison Between ATtiny87 and ATtiny167
ATtiny87 and ATtiny167 are hardware and software compatible. They differ only in memory
sizes as shown in Table 1-1.
1.2
Part Description
The ATtiny87/167 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced
RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny87/167
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize
power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All
the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two inde-
pendent registers to be accessed in one single instruction executed in one clock cycle. The
resulting architecture is more code efficient while achieving throughputs up to ten times faster
than conventional CISC microcontrollers.
The ATtiny87/167 provides the following features: 8K/16K byte of In-System Programmable
Flash, 512 bytes EEPROM, 512 bytes SRAM, 16 general purpose I/O lines, 32 general pur-
pose working registers, one 8-bit Timer/Counter with compare modes, one 8-bit high speed
Timer/Counter, Universal Serial Interface, a LIN controller, Internal and External Interrupts, a
11-channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, and three
software selectable power saving modes. The Idle mode stops the CPU while allowing the
SRAM, Timer/Counter, ADC, Analog Comparator, and Interrupt system to continue function-
ing. The Power-down mode saves the register contents, disabling all chip functions until the
next Interrupt or Hardware Reset. The ADC Noise Reduction mode stops the CPU and all I/O
modules except ADC, to minimize switching noise during ADC conversions.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the Program memory to be re-programmed In-System through an
SPI serial interface, by a conventional non-volatile memory programmer or by an On-chip boot
code running on the AVR core. The Boot program can use any interface to download the appli-
cation program in the Flash memory. By combining an 8-bit RISC CPU with In-System
Self-Programmable Flash on a monolithic chip, the Atmel ATtiny87/167 is a powerful micro-
controller that provides a highly flexible and cost effective solution to many embedded control
applications.
The ATtiny87/167 AVR is supported with a full suite of program and system development tools
including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emula-
tors, and Evaluation kits.
Table 1-1.
Memory Size Summary
Device
Flash
Flash
Flash
Interrupt Vector size
ATtiny167
16K Bytes
512 Bytes
512 Bytes
2-instruction-words / vector
ATtiny87
8K Bytes
512 Bytes
512 Bytes
2-instruction-words / vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com