Electronic Components Datasheet Search
  English  ▼

X  

ATTINY87 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATTINY87
Description  8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY87 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATTINY87 Datasheet HTML 1Page - ATMEL Corporation ATTINY87 Datasheet HTML 2Page - ATMEL Corporation ATTINY87 Datasheet HTML 3Page - ATMEL Corporation ATTINY87 Datasheet HTML 4Page - ATMEL Corporation ATTINY87 Datasheet HTML 5Page - ATMEL Corporation ATTINY87 Datasheet HTML 6Page - ATMEL Corporation ATTINY87 Datasheet HTML 7Page - ATMEL Corporation ATTINY87 Datasheet HTML 8Page - ATMEL Corporation ATTINY87 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 292 page
background image
3
8265A–AVR–08/10
ATtiny87/ATtiny167
1.3
Block Diagram
Figure 1-1.
Block Diagram
PORT A (8)
LIN / UART
PORT B (8)
SPI & USI
Timer/Counter-0
Timer/Counter-1
A/D Conv.
Internal
Voltage
References
Analog Comp.
SRAM
Flash
EEPROM
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
Power
Supervision
POR / BOD &
RESET
PROGRAM
LOGIC
debugWIRE
AGND
AVCC
PA[0..7]
PB[0..7]
11
RESET
XTAL[1;2]
CPU
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com