Electronic Components Datasheet Search
  English  ▼

X  

ATTINY87 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATTINY87
Description  8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY87 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATTINY87 Datasheet HTML 18Page - ATMEL Corporation ATTINY87 Datasheet HTML 19Page - ATMEL Corporation ATTINY87 Datasheet HTML 20Page - ATMEL Corporation ATTINY87 Datasheet HTML 21Page - ATMEL Corporation ATTINY87 Datasheet HTML 22Page - ATMEL Corporation ATTINY87 Datasheet HTML 23Page - ATMEL Corporation ATTINY87 Datasheet HTML 24Page - ATMEL Corporation ATTINY87 Datasheet HTML 25Page - ATMEL Corporation ATTINY87 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 292 page
background image
22
8265A–AVR–08/10
ATtiny87/ATtiny167
• Bits 7:1 – Res: Reserved Bits
These bits are reserved for future use and will always read as 0 in ATtiny87/167.
• Bits 8:0 – EEAR8:0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL – specifies the high EEPROM
address in the EEPROM space (see “E2 size” in Table 3-1 on page 15). The EEPROM data
bytes are addressed linearly between 0 and “E2 size”. The initial value of EEAR is undefined.
A proper value must be written before the EEPROM may be accessed.
Note:
For information only - ATtiny47: EEAR8 exists as register bit but it is not used for addressing.
3.5.2
EEDR – EEPROM Data Register
• Bits 7:0 – EEDR7:0: EEPROM Data
For the EEPROM write operation the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
3.5.3
EECR – EEPROM Control Register
• Bits 7, 6 – Res: Reserved Bits
These bits are reserved for future use and will always read as 0 in ATtiny87/167. After reading,
mask out these bits. For compatibility with future AVR devices, always write these bits to zero.
• Bits 5, 4 – EEPM1, EEPM0: EEPROM Programming Mode Bits
The EEPROM Programming mode bits setting defines which programming action that will be
triggered when writing EEPE. It is possible to program data in one atomic operation (erase the
old value and program the new value) or to split the Erase and Write operations in two differ-
ent operations. The Programming times for the different modes are shown in Table 3-2. While
EEPE is set, any write to EEPMn will be ignored. During reset, the EEPMn bits will be reset to
0b00 unless the EEPROM is busy programming.
Bit
7
6
543210
0x20 (0x40)
EEDR7
EEDR6
EEDR5
EEDR4
EEDR3
EEDR2
EEDR1
EEDR0
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
Bit
7
6
543210
0x1F (0x3F)
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
X
X
0
0
X
0
Table 3-2.
EEPROM Mode Bits
EEPM1
EEPM0
Typical
Programming Time Operation
0
0
3.4 ms
Erase and Write in one operation (Atomic Operation)
0
1
1.8 ms
Erase Only
1
0
1.8 ms
Write Only
1
1
–
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com